Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBJ41HE4BDFD Datasheet(PDF) 15 Page - Elpida Memory

Part # EBJ41HE4BDFD
Description  4GB Registered DDR3 SDRAM DIMM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41HE4BDFD Datasheet(HTML) 15 Page - Elpida Memory

Back Button EBJ41HE4BDFD Datasheet HTML 11Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 12Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 13Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 14Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 15Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 16Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 17Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 18Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 19Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
EBJ41HE4BDFD, EBJ41HE4BDFM, EBJ41HE4BDFP
Data Sheet E1580E30 (Ver. 3.0)
15
CKE (input pin)
CKE high activates, and CKE low deactivates, internal clock signals and device input buffers and output drivers.
Taking CKE low provides precharge power-down and self-refresh operation (all banks idle), or active power-down
(row active in any bank). CKE is asynchronous for self-refresh exit. After VREF has become stable during the
power-on and initialization sequence, it must be maintained for proper operation of the CKE receiver. For proper
self-refresh entry and exit, VREF must be maintained to this input. CKE must be maintained high throughout read
and write accesses. Input buffers, excluding CK, /CK, ODT and CKE are disabled during power-down. Input buffers,
excluding CKE, are disabled during self-refresh.
DQ and CB (input and output pins)
Bi-directional data bus.
DQS and /DQS (input and output pin)
Output with read data, input with write data. Edge-aligned with read data, centered in write data.
The data strobe DQS is paired with differential signals /DQS to provide differential pair signaling to the system during
READs and WRITEs.
ODT (input pins)
ODT (registered high) enables termination resistance internal to the DDR3 SDRAM. When enabled, ODT is only
applied to each DQ, DQS, /DQS, DM. The ODT pin will be ignored if the mode register (MR1) is programmed to
disable ODT.
VDD (power supply pins)
1.5V is applied. (VDD is for the internal circuit.)
VDDSPD (power supply pin)
3.3V is applied (For serial EEPROM).
VSS (power supply pin)
Ground is connected.
VTT (power supply pin)
Termination supply.
VREFDQ (power supply)
Reference voltage for DQ.
VREFCA (power supply)
Reference voltage for CA.
SCL (input pin)
Clock input for serial PD.
SDA (input and output pins)
Data input/output for serial PD.
SA (input pin)
Serial address input.
/RESET (input pin)
/RESET is negative active signal (active low) and is referred to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com