Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBJ41HE4BDFD Datasheet(PDF) 12 Page - Elpida Memory

Part # EBJ41HE4BDFD
Description  4GB Registered DDR3 SDRAM DIMM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41HE4BDFD Datasheet(HTML) 12 Page - Elpida Memory

Back Button EBJ41HE4BDFD Datasheet HTML 8Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 9Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 10Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 11Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 12Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 13Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 14Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 15Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 16Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
EBJ41HE4BDFD, EBJ41HE4BDFM, EBJ41HE4BDFP
Data Sheet E1580E30 (Ver. 3.0)
12
DC Characteristics 1 (TC = 0°C to +85°C, VDD = 1.5V
± 0.075V, VSS = 0V)
Parameter
Symbol
Data rate (Mbps) max.
Unit
Notes
Operating current
(ACT-PRE)
IDD0
1333
1066
2140
2030
mA
Operating current
(ACT-READ-PRE)
IDD1
1333
1066
2400
2260
mA
IDD2P1
1333
1066
1650
1610
mA
Fast PD Exit
Precharge power-down standby current
IDD2P0
1333
1066
1290
1240
mA
Slow PD Exit
Precharge standby current
IDD2N
1333
1066
1810
1670
mA
Precharge standby
ODT current
IDD2NT
1333
1066
2540
2410
mA
Precharge quiet standby current
IDD2Q
1333
1066
1810
1670
mA
Active power-down current
(Always fast exit)
IDD3P
1333
1066
1650
1610
mA
Active standby current
IDD3N
1333
1066
1960
1810
mA
Operating current
(Burst read operating)
IDD4R
1333
1066
3250
2820
mA
Operating current
(Burst write operating)
IDD4W
1333
1066
3210
3070
mA
Burst refresh current
IDD5B
1333
1066
5180
4910
mA
Self-refresh current
normal temperature range
IDD6
1340
mA
All bank interleave read current
IDD7
1333
1066
5500
4660
mA
RESET low current
IDD8
180
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com