Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS031N Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # AFT05MS031N
Description  RF Power LDMOS Transistors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AFT05MS031N Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button AFT05MS031N Datasheet HTML 8Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 9Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 10Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 11Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 12Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 13Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 14Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 15Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12
RF Device Data
Freescale Semiconductor, Inc.
AFT05MS031NR1 AFT05MS031GNR1
TYPICAL CHARACTERISTICS — 380--450 MHz UHF WIDEBAND
REFERENCE CIRCUIT
0
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 14. Output Power versus Gate--Source Voltage
50
1
2
34
5
40
10
30
20
f = 420 MHz
VDD = 13.6 Vdc, Pin =0.5 W
0
0
Detail A
4
0.4
0.8
1.2
1.6
2
3
2
1
5
f = 420 MHz
VDD = 13.6 Vdc, Pin =0.25 W
VDD = 12.5 Vdc, Pin =0.5 W
VDD = 12.5 Vdc,
Pin =0.25 W
Detail A
VDD = 13.6 Vdc,
Pin =0.5 W
VDD = 13.6 Vdc, Pin =0.25 W
VDD = 12.5 Vdc,
Pin =0.5 W
VDD = 12.5 Vdc,
Pin =0.25 W
VGS, GATE--SOURCE VOLTAGE (VOLTS)
40
0
20
60
100
80
Figure 15. Power Gain, Output Power and Drain
Efficiency versus Input Power and Frequency
Pin, INPUT POWER (WATTS)
12
16
14
0.01
4
30
50
40
10
20
22
20
18
60
70
80
0.1
420 MHz
Pout
VDD = 13.6 Vdc, IDQ = 100 mA
1
450 MHz
380 MHz
Gps
ηD
420 MHz
450 MHz
380 MHz
420 MHz
450 MHz
380 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com