Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS031N Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # AFT05MS031N
Description  RF Power LDMOS Transistors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AFT05MS031N Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button AFT05MS031N Datasheet HTML 11Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 12Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 13Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 14Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 15Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 16Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 17Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 18Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
AFT05MS031NR1 AFT05MS031GNR1
15
RF Device Data
Freescale Semiconductor, Inc.
450--520 MHz UHF WIDEBAND REFERENCE CIRCUIT
Figure 17. AFT05MS031NR1 UHF Wideband Reference Circuit Component Layout — 450--520 MHz
C1
L1
C2
L2
L3
C5
C3
B1
C16
Q1
C15
C14
L4
C8
L5
L6
C10
L7
C17
C12
C11
VGS
VDS
C7
B2
J1
C6
C9
TO--270--2
Rev. 0
C4
R1
C19
C13
C18
Table 14. AFT05MS031NR1 UHF Wideband Reference Circuit Component Designations and Values — 450--520 MHz
Part
Description
Part Number
Manufacturer
B1
Low Current Ferrite Bead
2508051107Y0
Fair--Rite
B2
High Current Ferrite Bead
2518065007Y6
Fair--Rite
C1
56 pF Chip Capacitor
ATC600F560JT250XT
ATC
C2
2.7 pF Chip Capacitor
ATC600F2R7BT250XT
ATC
C3
12 pF Chip Capacitor
ATC600F120JT250XT
ATC
C4, C9
27 pF Chip Capacitors
ATC600F270JT250XT
ATC
C5, C8
33 pF Chip Capacitors
ATC600F330JT250XT
ATC
C6
39 pF Chip Capacitor
ATC600F390JT250XT
ATC
C7, C10
18 pF Chip Capacitors
ATC600F180JT250XT
ATC
C11
8.2 pF Chip Capacitor
ATC600F8R2BT250XT
ATC
C12
1.8 pF Chip Capacitor
ATC600F1R8BT250XT
ATC
C13
0.1 μF Chip Capacitor
GRM21BR71H104KA01B
Murata
C14
1 μF Chip Capacitor
GRM21BR71H105KA12L
Murata
C15, C16, C17
240 pF Chip Capacitors
ATC600F241JT250XT
ATC
C18, C19
10 μF Chip Capacitors
GRM31CR61H106KA12L
Murata
J1
3 Pin Connector
AMP--9--146305--0
TE Connectivity
L1, L3
6.0 nH Inductors
0806SQ--6N0GLC
Coilcraft
L2, L6
5.5 nH Inductors
0806SQ5N5GLC
Coilcraft
L4
17 nH Inductor
0908SQ--17NGLC
Coilcraft
L5, L7
1.65 nH Inductors
0906--2KLC
Coilcraft
Q1
RF Power LDMOS Transistor
AFT05MS031NR1
Freescale
R1
62 Ω, 1/4 W Chip Resistor
RG2012N--620--BT1
Susumu
PCB
0.020″, εr =4.9
S1000--2, FR4
Shengyi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com