Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS031N Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # AFT05MS031N
Description  RF Power LDMOS Transistors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AFT05MS031N Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button AFT05MS031N Datasheet HTML 9Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 10Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 11Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 12Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 13Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 14Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 15Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 16Page - Freescale Semiconductor, Inc AFT05MS031N Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AFT05MS031NR1 AFT05MS031GNR1
13
RF Device Data
Freescale Semiconductor, Inc.
380--450 MHz UHF WIDEBAND REFERENCE CIRCUIT
Zsource
f = 380 MHz
f = 450 MHz
Zload
f = 380 MHz
f = 450 MHz
Zo =5 Ω
VDD = 13.6 Vdc, IDQ =10 mA, Pout =31 W Avg.
f
MHz
Zsource
Ω
Zload
Ω
380
1.57 + j1.94
2.53 -- j0.27
390
1.66 + j2.07
2.53 -- j0.26
400
1.74 + j2.16
2.56 -- j0.27
410
1.79 + j2.20
2.49 -- j0.29
420
1.79 + j2.21
2.38 -- j0.28
430
1.74 + j2.21
2.26 -- j0.24
440
1.62 + j2.23
2.11 -- j0.16
450
1.45 + j2.29
1.95 -- j0.05
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 16. UHF Wideband Series Equivalent Source and Load Impedance — 380--450 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 Ω
50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com