Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR4 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # FR4
Description  RF Power LDMOS Transistors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FR4 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button FR4 Datasheet HTML 7Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 8Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 9Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 10Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 11Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 12Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 13Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 14Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
AFT05MS031NR1 AFT05MS031GNR1
11
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 380--450 MHz UHF WIDEBAND
REFERENCE CIRCUIT
370
Gps
f, FREQUENCY (MHz)
Figure 12. Power Gain, Output Power and Drain Efficiency versus
Frequency at a Constant Input Power — 12.5 V
17
18
17.9
17.8
25
80
75
70
65
30
29
28
27
ηD
17.7
17.6
17.5
17.4
17.3
17.2
17.1
380
390
400
410
420
430
440
460
60
26
VDD = 12.5 Vdc, Pin =0.5 W(Avg.)
IDQ = 100 mA
Pout
370
Gps
f, FREQUENCY (MHz)
Figure 13. Power Gain, Output Power and Drain Efficiency versus
Frequency at a Constant Input Power — 13.6 V
17.5
18.5
18.4
18.3
30
80
75
70
65
35
34
33
32
ηD
18.2
18.1
18
17.9
17.8
17.7
17.6
380
390
400
410
420
430
440
450
60
31
Pout
VDD = 13.6 Vdc, Pin =0.5 W(Avg.)
IDQ = 100 mA
450
460



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com