Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR4 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # FR4
Description  RF Power LDMOS Transistors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FR4 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button FR4 Datasheet HTML 13Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 14Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 15Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 16Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 17Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 18Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 19Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 20Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
AFT05MS031NR1 AFT05MS031GNR1
17
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 450--520 MHz UHF WIDEBAND
REFERENCE CIRCUIT
440
Gps
f, FREQUENCY (MHz)
Figure 19. Power Gain, Drain Efficiency and Output Power versus
Frequency at a Constant Input Power — 12.5 V
16
18
17.8
17.6
26
70
68
66
64
60
30
29
28
ηD
17.4
17.2
17
16.8
16.6
16.4
16.2
450
460
470
480
490
500
510
530
62
27
VDD = 12.5 Vdc, Pin =0.5 W(Avg.)
IDQ = 100 mA
Pout
440
Gps
f, FREQUENCY (MHz)
Figure 20. Power Gain, Drain Efficiency and Output Power versus
Frequency at a Constant Input Power — 13.6 V
16
18.5
18.25
18
26
69
67
65
63
36
34
32
30
ηD
17.75
17.5
17.25
17
16.75
16.5
16.25
460
480
500
520
61
28
Pout
VDD = 13.6 Vdc, Pin =0.5 W(Avg.)
IDQ = 100 mA
520
71
73
18.75
19
450
470
490
510
530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com