Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR4 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # FR4
Description  RF Power LDMOS Transistors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FR4 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button FR4 Datasheet HTML 15Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 16Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 17Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 18Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 19Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 20Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 21Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 22Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
AFT05MS031NR1 AFT05MS031GNR1
19
RF Device Data
Freescale Semiconductor, Inc.
450--520 MHz UHF WIDEBAND REFERENCE CIRCUIT
Zsource
f = 520 MHz
f = 450 MHz
Zload
f = 520 MHz
f = 450 MHz
Zo =5 Ω
VDD = 13.6 Vdc, IDQ = 100 mA, Pout =31 W Avg.
f
MHz
Zsource
Ω
Zload
Ω
450
1.37 + j1.64
2.57 -- j1.01
460
1.43 + j1.72
2.49 -- j1.03
470
1.47 + j1.79
2.38 -- j1.03
480
1.49 + j1.83
2.26 -- j1.01
490
1.47 + j1.86
2.11 -- j0.95
500
1.41 + j1.89
1.97 -- j0.87
510
1.32 + j1.93
1.82 -- j0.76
520
1.20 + j1.99
1.68 -- j0.62
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 23. UHF Wideband Series Equivalent Source and Load Impedance — 450--520 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 Ω
50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com