Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25Q64-104FIP Datasheet(PDF) 30 Page - Eon Silicon Solution Inc.

Part # EN25Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q64-104FIP Datasheet(HTML) 30 Page - Eon Silicon Solution Inc.

Back Button EN25Q64-104FIP Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 32Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 33Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 34Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
30
EN25Q64
Rev. J, Issue Date: 2011/07/07
Another sequence of issuing Quad Input/Output FAST_READ (EBh) instruction especially useful in
random access is : CS# goes low -> sending Quad Input/Output FAST_READ (EBh) instruction -> 24-
bit address interleave on DQ3, DQ2, DQ1 and DQ0 -> performance enhance toggling bit P[7:0] -> 4
dummy clocks -> data out interleave on DQ3, DQ2, DQ1 and DQ0 till CS# goes high -> CS# goes low
(reduce Quad Input/Output FAST_READ (EBh) instruction) -> 24-bit random access address, as shown
in Figure 16.
In the performance – enhancing mode, P[7:4] must be toggling with P[3:0] ; likewise P[7:0] = A5h, 5Ah,
F0h or 0Fh can make this mode continue and reduce the next Quad Input/Output FAST_READ (EBh)
instruction. Once P[7:4] is no longer toggling with P[3:0] ; likewise P[7:0] = FFh, 00h, AAh or 55h. And
afterwards CS# is raised, the system then will escape from performance enhance mode and return to
normal operation.
While Program/ Erase/ Write Status Register is in progress, Quad Input/Output FAST_READ (EBh)
instruction is rejected without impact on the Program/ Erase/ Write Status Register current cycle.
The instruction sequence is shown in Figure 16.1 while using the Enable Quad Peripheral Interface mode
(EQPI) (38h) command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com