Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25Q64-104FIP Datasheet(PDF) 37 Page - Eon Silicon Solution Inc.

Part # EN25Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q64-104FIP Datasheet(HTML) 37 Page - Eon Silicon Solution Inc.

Back Button EN25Q64-104FIP Datasheet HTML 33Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 34Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 35Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 36Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 37Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 38Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 39Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 40Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 41Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
37
EN25Q64
Rev. J, Issue Date: 2011/07/07
Chip Erase (CE) (C7h/60h)
The Chip Erase (CE) instruction sets all bits to 1 (FFh). Before it can be accepted, a Write Enable
(WREN) instruction must previously have been executed. After the Write Enable (WREN) instruction
has been decoded, the device sets the Write Enable Latch (WEL).
The Chip Erase (CE) instruction is entered by driving Chip Select (CS#) Low, followed by the instruction
code on Serial Data Input (DI). Chip Select (CS#) must be driven Low for the entire duration of the
sequence.
The instruction sequence is shown in Figure 20. Chip Select (CS#) must be driven High after the eighth
bit of the instruction code has been latched in, otherwise the Chip Erase instruction is not executed. As
soon as Chip Select (CS#) is driven High, the self-timed Chip Erase cycle (whose duration is tCE) is
initiated. While the Chip Erase cycle is in progress, the Status Register may be read to check the value
of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Chip Erase
cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed, the Write
Enable Latch (WEL) bit is reset.
The Chip Erase (CE) instruction is executed only if all Block Protect (BP3, BP2, BP1, BP0) bits are 0.
The Chip Erase (CE) instruction is ignored if one, or more blocks are protected.
The instruction sequence is shown in Figure 20.1 while using the Enable Quad Peripheral Interface mode
(EQPI) (38h) command.
Figure 20. Chip Erase Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com