Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25Q64-104FIP Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN25Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q64-104FIP Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN25Q64-104FIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
1
EN25Q64
Rev. J, Issue Date: 2011/07/07
FEATURES
• Single power supply operation
- Full voltage range: 2.7-3.6 volt
• Serial Interface Architecture
- SPI Compatible: Mode 0 and Mode 3
• 64 M-bit Serial Flash
- 64 M-bit/8192 K-byte/32768 pages
- 256 bytes per programmable page
• Standard, Dual or Quad SPI
- Standard SPI: CLK, CS#, DI, DO, WP#
- Dual SPI: CLK, CS#, DQ0, DQ1, WP#
- Quad SPI: CLK, CS#, DQ0, DQ1, DQ2, DQ3
• High performance
- 104MHz clock rate for one data bit
- 80MHz clock rate for two data bits
- 50MHz clock rate for four data bits
• Low power consumption
- 12 mA typical active current
- 1
μA typical power down current
• Uniform Sector Architecture:
- 2048 sectors of 4-Kbyte
- 128 blocks of 64-Kbyte
- Any sector or block can be erased individually
• Software and Hardware Write Protection:
- Write Protect all or portion of memory via
software
- Enable/Disable protection with WP# pin
• High performance program/erase speed
- Page program time: 1.3ms typical
- Sector erase time: 60ms typical
- Block erase time 300ms typical
- Chip erase time: 30 seconds typical
• Lockable 512 byte OTP security sector
• Minimum 100K endurance cycle
• Package Options
- 8 pins SOP 200mil body width
- 8 contact VDFN (5x6mm)
- 8 contact VDFN (6x8mm)
- 8 pins PDIP
- 16 pins SOP 300mil body width
- 24 balls TFBGA (6x8mm)
- All Pb-free packages are RoHS compliant
• Industrial temperature Range
GENERAL DESCRIPTION
The EN25Q64 is a 64 Megabit (8192K-byte) Serial Flash memory, with advanced write protection
mechanisms. The EN25Q64 supports the standard Serial Peripheral Interface (SPI), and a high
performance Dual output as well as Quad I/O using SPI pins: Serial Clock, Chip Select, Serial DQ0(DI),
DQ1(DO), DQ2(WP#) and DQ3(NC). SPI clock frequencies of up to 80MHz are supported allowing
equivalent clock rates of 160MHz for Dual Output when using the Dual Output Fast Read instructions,
and SPI clock frequencies of up to 50MHz are supported allowing equivalent clock rates of 200MHz for
Quad Output when using the Quad Output Fast Read instructions. The memory can be programmed 1
to 256 bytes at a time, using the Page Program instruction.
The EN25Q64 is designed to allow either single Sector/Block at a time or full chip erase operation. The
EN25Q64 can be configured to protect part of the memory as the software protected mode. The device
can sustain a minimum of 100K program/erase cycles on each sector or block.
EN25Q64
64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector


Similar Part No. - EN25Q64-104FIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q64 EON-EN25Q64 Datasheet
1Mb / 60P
64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25Q64-104FIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q16 EON-EN25Q16 Datasheet
754Kb / 40P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q64 EON-EN25Q64 Datasheet
1Mb / 60P
64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25F10A EON-EN25F10A Datasheet
1Mb / 62P
1 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16A EON-EN25QH16A Datasheet
1Mb / 66P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32A EON-EN25QH32A Datasheet
1Mb / 63P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH64 EON-EN25QH64 Datasheet
1Mb / 65P
64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH128A EON-EN25QH128A Datasheet
1Mb / 75P
128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com