Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6527KWR2 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MMA6527KWR2
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6527KWR2 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MMA6527KWR2 Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 46Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 47Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 48Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 49Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
Sensor
46
Freescale Semiconductor, Inc.
MMA65xx
4.1
SPI Command Format
Commands are transferred from the SPI master to the device. Valid commands fall into two categories: register operations,
and acceleration data requests.
Table 29. SPI Command Message Summary
MSB
LSB
15
14
13
12
11
10
987654
3210
0
AX
A
OC
0
0
0
0
0
0
0
0
1
SD
ARM
P
Command Type
Reference
AX= Axis Selection
0
X-Axis Acceleration Data
1
Y-Axis Acceleration Data
A = Acceleration Data Request
0
Register Operation
1
Acceleration Data Request
OC = Offset Cancelled Data Confirmation
0
Offset Cancelled Data Enabled
1
Raw Acceleration Data Enabled
SD = Signed Data Confirmation
Signed Data Enabled
0
Unsigned Data Enabled
1
ARM = ARM Function Status Confirmation
Disabled / PCM Output Enabled
0
Arming Function Enabled
1
P = Odd Parity
0
AX
A
OC
0
0
0
0
0
0
0
0
0
SD
ARM
P
Accel Data
001000000000
1001
X-Axis OC, Signed, Disabled/PCM
001000000000
1010
X-Axis OC, Signed, ARM Enabled
001000000000
1100
X-Axis OC, Unsigned, Disabled/PCM
001000000000
1111
X-Axis OC, Unsigned, ARM Enabled
001100000000
1000
X-Axis Raw, Signed, Disabled/PCM
001100000000
1011
X-Axis Raw, Signed, ARM Enabled
001100000000
1101
X-Axis Raw, Unsigned, Disabled/PCM
001100000000
1110
X-Axis Raw, Unsigned, ARM Enabled
011000000000
1000
Y-Axis OC, Signed, Disabled/PCM
011000000000
1011
Y-Axis OC, Signed, ARM Enabled
011000000000
1101
Y-Axis OC, Unsigned, Disabled/PCM
011000000000
1110
Y-Axis OC, Unsigned, ARM Enabled
011100000000
1001
Y-Axis Raw, Signed, Disabled/PCM
011100000000
1010
Y-Axis Raw, Signed, ARM Enabled
011100000000
1100
Y-Axis Raw, Unsigned, Disabled/PCM
011100000000
1111
Y-Axis Raw, Unsigned, ARM Enabled
P
AX
A
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Command Type
Reference
P0
0
A4
A3
A2
A1
A0
0000
0000
Register Read
Section 4.4
Register Address
P1
0
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Register Write
Section 4.4
Register Address
Data to be Written to Register
P = Odd Parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com