Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6527KWR2 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MMA6527KWR2
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6527KWR2 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MMA6527KWR2 Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 46Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 47Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 48Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 49Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 50Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 51Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
Sensor
48
Freescale Semiconductor, Inc.
MMA65xx
4.3
Acceleration Data Transfers
Twelve bit Acceleration data requests are initiated when the Acceleration bit of the SPI command message (A) is set to a logic
‘1’, and bit D[3] of the SPI command message is set to a logic ‘1’. The Axis Selection bit (AX) selects the type of acceleration data
requested, as shown in Table 31.
To verify that the device is configured as expected, each acceleration data request includes the configuration information which
impacts the output data. The requested configuration is compared against the data programmed in the writable register block.
Details are shown in Table 32.
If the data listed in Table 32 does not does not match, an Acceleration Data Request Mismatch failure is detected and no ac-
celeration data is transmitted. Reference Section 4.5.3.1.
Acceleration data request commands include a parity bit (P). Odd parity is employed. The number of logic ‘1’ bits in the accel-
eration data request command must be an odd number.
Acceleration data is transmitted on the next SPI message if and only if all of the following conditions are met:
•
The DEVINIT bit in the DEVSTAT register is not set
•
The DEVRES bit in the DEVSTAT register is not set
•
The IDE bit in the DEVSTAT register is not set (Reference Section 4.5.5)
•
No SPI Error is detected (Reference Section 4.5.1)
•
No MISO Error is detected (Reference Section 4.5.2)
•
No Acceleration Data Request Mismatch failure is detected (Reference Section 4.5.3.1)
•
No Self Test Error is present (reference Section 4.5.5.2)
•
No Offset Monitor Error is present for the requested channel (reference Section 4.5.6)
If the above conditions are met, the device responds with a “valid acceleration data request” response as shown in Table 30.
Otherwise, the device responds as specified in Section 4.5.
Table 31. Acceleration Data Request
Axis Selection Bit (AX)
Data Type
0
X-Axis Acceleration Data
1
Y-Axis Acceleration Data
Table 32. Acceleration Data Request Configuration Information
Programmable Option
Command Message Bit
Writable Register Information
Raw or Offset Cancelled Data
OC
DEVCFG[7] (OC)
Signed or Unsigned Data
SD
DEVCFG[4] (SD)
Arming Function or PCM Output
ARM
DEVCFG[2] || DEVCFG[1] (A_CFG[2] || A_CFG[1])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com