Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6527KWR2 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MMA6527KWR2
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6527KWR2 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MMA6527KWR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
Sensor
14
Freescale Semiconductor, Inc.
MMA65xx
3.1.4
Part Number Register (PN)
The part number register is a one time programmable, read only register which contains two digits of the device part number
to identify the axis and range information. The contents of this register have no impact on device operation or performance.
3.1.5
Device Control Register (DEVCTL
The device control register is a read-write register which contains device control operations. The upper 2 bits of this register
can be written during both initialization and normal operation. Bits 5 through 0 can be programmed during initialization and then
are ignored once the ENDINIT bit is set.
3.1.5.1
Reset Control (RES_1, RES_0)
A series of three consecutive register write operations to the reset control bits in the DEVCTL register will cause a device reset.
To reset the internal digital circuitry, the following register write operations must be performed in the order shown below. The reg-
ister write operations must be consecutive SPI commands in the order shown or the device will not be reset.
The response to the Register Write returns ‘0’ for RES_1 and RES_0, and the existing register value bits 5 through 0. A Reg-
ister Read of RES_1 and RES_0 returns ‘0’ and terminates the reset sequence. If ENDINIT is cleared, the bits 2 through 0 in the
DEVCTL register are modified as described in Section 4.4. If ENDINIT is set, a Register Write will not modify bits 2 through 0 and
the response to a Register Read or Write will include the last successful written values for these bits.
Table 6. Part Number Register
Location
Bit
Address
Register
76543210
$08
PN
PN[7]
PN[6]
PN[5]
PN[4]
PN[3]
PN[2]
PN[1]
PN[0]
PN Register Value
X-Axis Range
Section 2.4
Y-Axis Range
Section 2.4
Decimal
HEX
219
$DB
80
80
225
$E1
105
105
227
$E3
120
120
Table 7. Device Control Register
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$0A
DEVCTL
RES_1
RES_0
OCPHASE[1] OCPHASE[0] OFFCFG_EN
Reserved
Reserved
Reserved
Reset Value
0
0
000
0
0
0
Register Write to DEVCTL
RES_1
RES_0
Effect
SPI Register Write 1
0
0
No Effect
SPI Register Write 2
1
1
No Effect
SPI Register Write 3
0
1
Device RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com