Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667201MMG2 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # SC667201MMG2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG2 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG2 Datasheet HTML 27Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 28Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 29Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 30Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 31Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 32Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 33Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 34Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 120 page
background image
BOOTCFG[0]
IRQ[2]
GPIO[211]
Boot Config. Input
External Interrupt Request
GPIO
P
A1
G
01
10
00
211
I
I
I/O
VDDEH6 /
Slow
— / Down
BOOTCFG[0] /
Down
——
T20
BOOTCFG[1]
IRQ[3]
ETRIG3
GPIO[212]
Boot Config. Input
External Interrupt Request
eQADC Trigger Input
GPIO
P
A1
A2
G
001
010
100
000
212
I
I
I
I/O
VDDEH6 /
Slow
— / Down
BOOTCFG[1] /
Down
85
M15
U21
WKPCFG
NMI
DSPI_B_SOUT
GPIO[213]
Weak Pull Config. Input
Non-Maskable Interrupt
DSPI B data output
GPIO
P
A1
A2
G
001
010
100
000
213
I
I
O
I/O
VDDEH6 /
Medium
— / Up
WKPCFG / Up
86
L15
AA20
Calibration Bus
CAL_CS0
Calibration chip select
P
01
336
O
VDDE12 /
Fast
— / —
———
CAL_CS2
CAL_ADDR[10]
CAL_WE[2]/BE[2]
Calibration chip select
Calibration address bus
Calibration write/byte enable
P
A1
A2
001
010
100
338
O
I/O
O
VDDE12 /
Fast
— / —
———
CAL_CS3
CAL_ADDR[11]
CAL_WE[3]/BE[3]
Calibration chip select
Calibration address bus
Calibration write/byte enable
P
A1
A2
001
010
100
339
O
I/O
O
VDDE12 /
Fast
— / —
———
CAL_ADDR[12]
CAL_WE[2]/BE[2]
Calibration address bus
Calibration write/byte enable
P
A1
01
10
340
I/O
O
VDDE12 /
Fast
— / —
———
CAL_ADDR[13]
CAL_WE[3]/BE[3]
Calibration address bus
Calibration write/byte enable
P
A1
01
10
340
I/O
O
VDDE12 /
Fast
— / —
———
CAL_ADDR[14]
CAL_DATA[31]
Calibration address bus
Calibration data bus
P
A1
01
10
340
I/O
I/O
VDDE12 /
Fast
— / —
———
CAL_ADDR[15]
CAL_ALE
Calibration address bus
Calibration address latch enable
P
A1
01
10
340
I/O
O
VDDE12 /
Fast
— / —
———
CAL_ADDR[16]
CAL_DATA[16]
Calibration address bus
Calibration data bus
P
A1
01
10
345
I/O
I/O
VDDE12 /
Fast
— / —
———
CAL_ADDR[17]
CAL_DATA[17]
Calibration address bus
Calibration data bus
P
A1
01
10
345
I/O
I/O
VDDE12 /
Fast
— / —
———
CAL_ADDR[18]
CAL_DATA[18]
Calibration address bus
Calibration data bus
P
A1
01
10
345
I/O
I/O
VDDE12 /
Fast
— / —
———
CAL_ADDR[19]
CAL_DATA[19]
Calibration address bus
Calibration data bus
P
A1
01
10
345
I/O
I/O
VDDE12 /
Fast
— / —
———
CAL_ADDR[20]
CAL_DATA[20]
Calibration address bus
Calibration data bus
P
A1
01
10
345
I/O
I/O
VDDE12 /
Fast
— / —
———
CAL_ADDR[21]
CAL_DATA[21]
Calibration address bus
Calibration data bus
P
A1
01
10
345
I/O
I/O
VDDE12 /
Fast
— / —
———
Table 3. MPC5642A signal properties (continued)
Name1
Function2
P / A / G3
PCR
PA
field4
PCR5
I/O
type
Voltage6 /
Pad type7
Status8
Package pin No.
During reset
After reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com