Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667201MMG2 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # SC667201MMG2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG2 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG2 Datasheet HTML 49Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 50Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 51Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 52Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 53Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 54Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 55Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 56Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
53
Pinout and signal description
GPIO[12:17]
GPIO[75:110]
GPIO[113:145]
GPIO[179:204]
GPIO[206:213]
GPIO[219]
GPIO[244:245]
SIU – GPIO
Configurable general purpose I/O pins. Each GPIO input and
output is separately controlled by an 8-bit input (GPDI) or
output (GPDO) register. Additionally, each GPIO pin is
configured using a dedicated SIU_PCR register.
The GPIO pins are generally multiplexed with other I/O pin
functions.
See the following reference manual sections for more
information:
• “Pad Configuration Registers (SIU_PCR)”
• “GPIO Pin Data Output Registers (SIU_GPDO0_3 –
SIU_GPDO412_413)”
• “GPIO Pin Data Input Registers (SIU_GPDI0_3 –
SIU_GPDI_232)”
RESET
SIU – Reset
The RESET pin is an active low input. The RESET pin is
asserted by an external device during a power-on or external
reset. The internal reset signal asserts only if the RESET pin
asserts for 10 clock cycles. Assertion of the RESET pin while
the device is in reset causes the reset cycle to start over.
The RESET pin has a glitch detector which detects spikes
greater than two clock cycles in duration that fall below the
switch point of the input buffer logic of the VDDEH input pins.
The switch point lies between the maximum VIL and minimum
VIH specifications for the VDDEH input pins.
RSTCFG
SIU – Reset
Used to enable or disable the PLLREF and the
BOOTCFG[0:1] configuration signals.
0: Get configuration information from BOOTCFG[0:1] and
PLLREF
1: Use default configuration of booting from internal flash with
crystal clock source
Note: For the 176-pin QFP and 208-ball BGA packages
RSTCFG is always 0, so PLLREF and BOOTCFG
signals are used.
RSTOUT
SIU – Reset
The RSTOUT pin is an active low output that uses a push/pull
configuration. The RSTOUT pin is driven to the low state by
the MCU for all internal and external reset sources. There is a
delay between initiation of the reset and the assertion of the
RSTOUT pin. See reference manual section “RSTOUT” for
details.
Table 5. Signal details (continued)
Signal
Module or function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com