Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667201MMG2 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # SC667201MMG2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG2 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG2 Datasheet HTML 36Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 37Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 38Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 39Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 40Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 41Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 42Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 43Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 120 page
background image
AN37
Single-ended Analog Input
P
—
—
I
VDDA /
Analog
I / —
AN[37] / —
175
E3
A5
AN38
Single-ended Analog Input
P
—
—
I
VDDA /
Analog
I / —
AN[38] / —
—
—
D3
AN39
Single-ended Analog Input
P
—
—
I
VDDA /
Analog
I / —
AN[39] / —
8
D2
D2
VRH
Voltage Reference High
P
—
—
I
VDDA /
—
I / —
—
163
A8
A10
VRL
Voltage Reference Low
P
—
—
I
VDDA /
—
I / —
—
162
A9
A11
REFBYBC
Reference Bypass Capacitor
Input
P—
—
I
VDDA /
Analog
I / —
—
164
B7
B10
eTPU2
TCRCLKA
IRQ[7]
GPIO[113]
eTPU A TCR clock
External interrupt request
GPIO
P
A1
G
01
10
00
113
I
I
I/O
VDDEH4 /
Slow
— / Up
— / Up
—
L4
AB12
ETPUA0
ETPUA12_O
ETPUA19_O
GPIO[114]
eTPU A channel
eTPU A channel (output only)
eTPU A channel (output only)
GPIO
P
A1
A2
G
001
010
100
000
114
I/O
O
O
I/O
VDDEH4 /
Slow
— /
WKPCFG
— /
WKPCFG
61
N3
Y12
ETPUA1
ETPUA13_O
GPIO[115]
eTPU A channel
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
115
I/O
O
I/O
VDDEH4 /
Slow
— /
WKPCFG
— /
WKPCFG
60
M3
W12
ETPUA2
ETPUA14_O
GPIO[116]
eTPU A channel
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
116
I/O
O
I/O
VDDEH4 /
Slow
— /
WKPCFG
— /
WKPCFG
59
P2
AA11
ETPUA3
ETPUA15_O
GPIO[117]
eTPU A channel
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
117
I/O
O
I/O
VDDEH4 /
Slow
— / WKPCFG
GPIO / WKPCFG
58
P1
Y11
ETPUA4
ETPUA16_O
—
FR_B_TX
GPIO[118]
eTPU A channel
eTPU A channel (output only)
—
FlexRay transmit data channel B
GPIO
P
A1
A2
A3
G
0001
0010
—
1000
0000
118
I/O
O
—
O
I/O
VDDEH4 /
Slow
— /
WKPCFG
— /
WKPCFG
56
N2
W11
ETPUA5
ETPUA17_O
DSPI_B_SCK_LVDS
FR_B_TX_EN
GPIO[119]
eTPU A channel
eTPU A channel (output only)
LVDS negative DSPI clock
FlexRay tx data enable for ch. B
GPIO
P
A1
A2
A3
G
0001
0010
0100
1000
0000
119
I/O
O
O
O
I/O
VDDEH4 /
Slow +
LVDS
— /
WKPCFG
— /
WKPCFG
54
M4
AB11
Table 3. MPC5642A signal properties (continued)
Name1
Function2
P / A / G3
PCR
PA
field4
PCR5
I/O
type
Voltage6 /
Pad type7
Status8
Package pin No.
During reset
After reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com