Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4202B Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TLE4202B
Description  2-A DC Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4202B Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TLE4202B Datasheet HTML 4Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 5Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 6Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 7Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 8Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 9Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 10Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 11Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TLE 4202 B
Semiconductor Group
8
1998-02-01
Characteristics
V
S ≤ 7 V to 17 V; TC = – 40 to 110 °C
Parameter
Symbol
Limit Values
Unit
Test Condition
Test
Circuit
min.
typ.
max.
Saturation Voltage
Source operation
measured to
V
S
V
Sato
V
Sato
V
Sato
–
–
–
0.9
1.2
1.5
1.2
1.8
2.4
V
V
V
I
Q = – 0.3 A; S = 1
I
Q = – 1 A;
S = 1
I
Q = – 2 A;
S = 1
2
2
2
Sink operation
V
Satu
V
Satu
V
Satu
–
–
–
0.25
0.5
1.2
0.60
1.1
2
V
V
V
I
Q = 0.3 A;
S1 = 2
I
Q = 1 A;
S1 = 2
I
Q = 2 A;
S1 = 2
2
2
2
Short-circuit
current
–
I
SC
––3.5
V
V
Q = 0 V
T
C = 25 °C to
110
°C
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com