Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4202B Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TLE4202B
Description  2-A DC Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4202B Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TLE4202B Datasheet HTML 1Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 2Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 3Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 4Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 5Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 6Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 7Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 8Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TLE 4202 B
Semiconductor Group
3
1998-02-01
Pin Definitions and Functions
Pin No.
Symbol
Function
1I1
Input 1
Non-inverting input 1, to be connected to pin 2 and pin 3
according to general rules
2I3
Inverting input 3
Inverting inputs of the two comparators; internally connected to
reference voltage across 50 k
Ω (typ. 1.7 V)
3Q1
Output Q1
Push-pull output B DC-short-circuit proof to ground. Integrated
free-wheel diodes to ground and to supply voltage
4GND
Ground
5Q2
Output Q2, see pin 3
6
V
S
Supply voltage
Has to be blocked to ground with a ceramic capacitor of at least
100 nF directly at the pins of the ICs
7I2
Input 2
Non-inverting input 2; see pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com