Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4202B Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # TLE4202B
Description  2-A DC Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4202B Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button TLE4202B Datasheet HTML 6Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 7Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 8Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 9Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 10Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 11Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 12Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 13Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 14Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Semiconductor Group
13
1998-02-01
TLE 4202 B
Saturation Voltage
versus Output Current
Saturation Voltage
versus Temperature
AED01340
0.0
0.0
V
SAT
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.5
1.0
1.5
2.0
2.5
A
V
Ι
V
Sato
Satu
V
V
S
T
C
= 13 V
= 25 ˚C
L
AED01341
0.0
-40
V
SAT
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
40
80
120
160
˚C
V
V
Sato
Satu
V
V
S
Ι
L
= 13 V
= 1 A
T
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com