Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4205 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TLE4205
Description  1-A DC Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4205 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button TLE4205 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TLE 4205
Semiconductor Group
6
1998-02-01
Circuit Description
The IC contains two amplifiers with typical open-loop gain of 80 dB at 500 Hz.
The input stages consist of PNP-differential amplifiers. This produces a common-mode
input range of 0 V to nearly
V
S and a maximum differential input voltage of VS. The IC is
guarded against ground shorts by an SOA-protective circuit. The output transistors are
turned off if the chip temperature exceeds approx. 160
°C. The IC can be turned off by
an inhibit input, which very much reduces current consumption.
Figure 3
Circuit Diagram
AES00665
(1)
(3)
Q
Q
GND
1
2
V
S
(5)
(4)
(2)
2
2
1
1
Ι
Ι
-
+
+
Ι
-
Ι
(10-18)
200
k
Ω
Ω
k
10
INH
10 k
Ω
Ω
k
10
GND
(9)
(6)
(8)
(7)
Ω
k
10
10 k
Ω
TLE 4205
Ω
k
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com