Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4205 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # TLE4205
Description  1-A DC Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4205 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button TLE4205 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TLE 4205
Semiconductor Group
7
1998-02-01
Absolute Maximum Ratings
T
j = − 40 to 150 °C
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Supply voltage
V
S
–0.3
45
V
–
Differential input voltage
V
ID
–
± V
S
V
∆V
6-5 or ∆V7-8
TLE 4205
∆V
8-9 or ∆V10-11
TLE 4205 G
Output current
I
Q
– 1
1
A
–
Supply current
I
S
2.5
3
A
–
Ground current
I
GND
–3
2.5
A
I2
Input voltage
V
I
–15
V
S
V
V
5; V6; V7; V8
TLE 4205
V
8; V9; V10; V11
TLE 4205 G
Inhibit input
V
Inh
–15
V
S
V
V
9 TLE 4205
V
12 TLE 4205G
Junction temperature
T
j
–
150
°C–
Storage temperature
T
stg
– 50
150
°C–
Operating Range
Supply voltage
V
S
632
V
–
Case temperature
T
C
– 40
105
°C
P
Dmax = 3 W; DIP
Case temperature
T
C
– 40
95
°C
P
Dmax = 3 W; SO
Thermal resistance
junction - ambient
junction - case
R
th JA
R
th JC
–
–
60
15
K/W
K/W
TLE 4205
TLE 4205
Thermal resistance
junction - ambient
junction - case
R
th JA
R
th JC
–
–
65
20
K/W
K/W
TLE 4205 G
TLE 4205 G
Outputs pin 1 (19) and pin 3 (1) short-circuit proof to GND at
V
S ≤ 18 V for TLE 4205
(TLE 4205G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com