Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4205 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # TLE4205
Description  1-A DC Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4205 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  TLE4205 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4205 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Semiconductor Group
1
1998-02-01
Description
TLE 4205 is an integrated power full-bridge DC-motor driver for a wide temperature
range, as required in automotive applications for example. The circuit contains two
power comparators that can be combined to a full-bridge circuit. For inductive loads
there are integrated free-wheeling diodes to +
V
S and ground. The outputs are short-
circuit proof up to 18 V supply voltage to ground and turn off when overtemperature
occurs. This IC is especially suitable for headlight-beam adjustment in automobiles.
Type
Ordering Code
Package
TLE 4205
Q67000-A9025
P-DIP-18-3
TLE 4205 G
Q67006-A9114
P-DSO-20-6
1-A DC Motor Driver
Overview
Bipolar IC
TLE 4205
P-DIP-18-3
P-DSO-20-6
Features
q
Max. driver current 1 A
q
Integrated free-wheeling diodes
q
Short-circuit proof to ground
q
Inhibit
q
ESD protected inputs
q
Temperature range – 40
°C ≤ T
j ≤ 150 °C


Similar Part No. - TLE4205

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4205 INFINEON-TLE4205 Datasheet
120Kb / 13P
1-A DC Motor Driver
2004-02-25
TLE4205G INFINEON-TLE4205G Datasheet
120Kb / 13P
1-A DC Motor Driver
2004-02-25
TLE4205G INFINEON-TLE4205G Datasheet
1Mb / 14P
1-A DC Motor Driver
Rev. 1.1, 2015-01-15
TLE4205G INFINEON-TLE4205G_15 Datasheet
1Mb / 14P
1-A DC Motor Driver
Rev. 1.1, 2015-01-15
More results

Similar Description - TLE4205

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4202B SIEMENS-TLE4202B Datasheet
106Kb / 14P
2-A DC Motor Driver
TLE4203 SIEMENS-TLE4203 Datasheet
100Kb / 12P
4-A DC Motor Driver
TLE4206 SIEMENS-TLE4206 Datasheet
142Kb / 14P
1-A DC Motor Driver for Servo Driver Applications
TLE5203 SIEMENS-TLE5203 Datasheet
161Kb / 18P
3-A DC Motor Driver
logo
Fairchild Semiconductor
FAN8010MP FAIRCHILD-FAN8010MP Datasheet
392Kb / 12P
1 Channel DC Motor Driver
logo
Infineon Technologies A...
TLE4205 INFINEON-TLE4205 Datasheet
120Kb / 13P
1-A DC Motor Driver
2004-02-25
TLE4206-2G INFINEON-TLE4206-2G Datasheet
621Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4205G INFINEON-TLE4205G_15 Datasheet
1Mb / 14P
1-A DC Motor Driver
Rev. 1.1, 2015-01-15
TLE4206G INFINEON-TLE4206G_15 Datasheet
605Kb / 15P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206-2G INFINEON-TLE4206-2G_17 Datasheet
494Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com