Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4207GL Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # TLE4207GL
Description  1-A Dual-HBD (Dual-Half-Bridge Driver)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4207GL Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button TLE4207GL Datasheet HTML 3Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 4Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 5Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 6Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 7Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 8Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 9Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 10Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TLE 4207
Semiconductor Group
7
1998-02-01
Electrical Characteristics
8 V <
V
S < 18 V; INH = High; IOUT1-2 = 0 A; – 40 °C < Tj < 150 °C;
unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ. max.
Current Consumption
Quiescent current
I
S
–20
50
µA
INH = LOW
Quiescent current
I
S
–20
30
µA
INH = LOW;
V
S = 13.2 V;
T
j = 25 °C
Supply current
I
S
–10
20
mA
–
Supply current
I
S
––
30
mA
I
OUT1 = 0.4 A
I
OUT2 = – 0.4 A
Supply current
I
S
––
50
mA
I
OUT1 = 0.8 A
I
OUT2 = – 0.8 A
Over- and Under Voltage Lockout
UV Switch ON voltage
V
UV ON
–6.5
7.5
V
V
S increasing
UV Switch OFF voltage
V
UV OFF
5.0
6
–
V
V
S decreasing
UV ON/OFF hysteresis
V
UV HY
–0.5
–
V
V
UV ON – VUV OFF
OV Switch OFF voltage
V
OV OFF
–20
24
V
V
S increasing
OV Switch ON voltage
V
OV ON
18.0
19.5 –
V
V
S decreasing
OV ON/OFF hysteresis
V
OV HY
–0.5
–
V
V
OV OFF – VOV ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com