Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4207GL Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # TLE4207GL
Description  1-A Dual-HBD (Dual-Half-Bridge Driver)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4207GL Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button TLE4207GL Datasheet HTML 5Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 6Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 7Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 8Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 9Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 10Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 11Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 12Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TLE 4207
Semiconductor Group
9
1998-02-01
Input-Interface
Logic Inputs IN1; IN2
H-input voltage
V
IH
–2
3
V
–
L-input voltage
V
IL
11.5
–
V
–
Hysteresis of input voltage
V
IHY
–0.5
–
V
–
H-input current
I
IH
–2
–
10
µA
V
I = 5 V
L-input current
I
IL
–100 – 20 – 5
µA
V
I = 0 V
Logic Input INH
H-input voltage
V
IH
–2.7
3.5
V
–
L-input voltage
V
IL
12
–
V
–
Hysteresis of input voltage
V
IHY
–0.7
–
V
–
H-input current
I
IH
–
100
250
µA
V
INH = 5 V
L-input current
I
IL
–10
–
10
µA
V
INH = 0 V
Error-Flag EF
L-output voltage level
V
EFL
–0.2
0.4
V
I
EF =2 mA
Leakage current
I
EFLK
–
–
10
µA0 V < V
EF < 7 V
Electrical Characteristics (cont’d)
8 V <
V
S < 18 V; INH = High; IOUT1-2 = 0 A; – 40 °C < Tj < 150 °C;
unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com