Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4207GL Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # TLE4207GL
Description  1-A Dual-HBD (Dual-Half-Bridge Driver)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4207GL Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button TLE4207GL Datasheet HTML 6Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 7Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 8Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 9Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 10Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 11Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 12Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 13Page - Siemens Semiconductor Group TLE4207GL Datasheet HTML 14Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TLE 4207
Semiconductor Group
10
1998-02-01
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
A = 25 °C and
the given supply voltage.
1)
Guaranteed by design.
Thermal Shutdown
Thermal shutdown junction
temperature
T
jSD
150
175
200
°C
–
Thermal switch-on junction
temperature
T
jSO
120
–
170
°C–
Temperature hysteresis
∆T
–30
–
K
–
Electrical Characteristics (cont’d)
8 V <
V
S < 18 V; INH = High; IOUT1-2 = 0 A; – 40 °C < Tj < 150 °C;
unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com