Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4923 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # TLE4923
Description  Dynamic Differential Hall Effect Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4923 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  TLE4923 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TLE 4923
Semiconductor Group
5
1998-04-29
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Note: Unless otherwise noted, all temperatures refer to junction temperature.
In the operating range the functions given in the circuit description are fulfilled.
1)
Reverse current drawn by the device < 10 mA
2)
Can be reduced significantly by further packaging process, e. g. overmolding.
The device is ESD protected up to 2 kV (HL test procedure)
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Supply voltage
V
S
– 18
1)
24
V
Capacitor voltage
V
C
– 0.3
3
V
Junction temperature
Junction temperature
Junction temperature
Junction temperature
T
j
T
j
T
j
T
j
150
160
170
190
°C
°C
°C
°C
5000 h
2500 h
500 h
4h
Storage temperature
T
S
– 40
150
°C
Thermal resistance
R
th JA
190
K/W
2)
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Supply voltage
V
S
4.5
18
V
Junction temperature
T
j
– 40
190
°C
Pre-induction
B
0
– 500
500
mT
At Hall probe;
independent of
magnet
orientation
Differential induction
∆B
– 40
40
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com