Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4923 Datasheet(PDF) 14 Page - Siemens Semiconductor Group

Part # TLE4923
Description  Dynamic Differential Hall Effect Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4923 Datasheet(HTML) 14 Page - Siemens Semiconductor Group

Back Button TLE4923 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 12Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 13Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 14Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 15Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 16Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 17Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 18Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TLE 4923
Semiconductor Group
14
1998-04-29
Supply Current and Supply Current
Difference versus Supply Voltage
Supply Current and Supply Current
Difference versus Temperature
Minimum Switching Field versus
Frequency
Mean Value of Switching Induction
If not otherwise specified, all curves reflect typical values at
T
j = 25 °C and
V
S =12 V.
0
AED02473
2
4
6
8
10
12
10
5
0
V
15
25
V S
20
mA
S
Ι
SON
Ι
SON
Ι
SOFF
Ι
SOFF
Ι
0
AED02474
12
40
0
-40
C
80
200
T j
120
mA
2
4
6
8
10
SOFF
SOFF
Ι
SON
ΙΙ
SON
Ι
Ι
S
0
AED02475
1.2
10
1
Hz
100
10000
f
mT
0.2
0.4
0.6
0.8
1.0
1000
T j = 25 C
min
B
= 190 C
j
T
= 150 C
T j
= -40 C
j
T
0
AED02476
1.2
40
0
-40
C
80
200
T j
120
mT
0.2
0.4
0.6
0.8
1.0
m
typ
B
∆
∆
m
B
OP
B
∆
RP
∆B
2
f
=
= 200 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com