Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4923 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # TLE4923
Description  Dynamic Differential Hall Effect Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4923 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  TLE4923 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TLE 4923
Semiconductor Group
4
1998-04-29
Functional Description
The Differential Hall sensor IC detects the motion and position of ferromagnetic and
permanent magnet structures by measuring the differential flux density of the magnetic
field. To detect ferromagnetic objects the magnetic field must be provided by a back
biasing permanent magnet (south or north pole of the magnet attached to the rear
unmarked side of the IC package).
Using an external capacitor the generated Hall voltage signal is slowly adjusted via an
active high pass filter with low frequency cut-off. This causes the output to switch into a
biased mode after a time constant is elapsed. The time constant is determined by the
external capacitor. Filtering avoids aging and temperature influence from Schmitt-trigger
input and eliminates device and magnetic offset.
The TLE 4923 can be exploited to detect toothed wheel rotation in a rough environment.
Jolts against the toothed wheel and ripple have no influence on the output signal.
The on and off state of the IC are indicated by high and low current consumption.
Circuit Description (see Figure 2)
The TLE 4923 is comprised of a supply voltage reference, a pair of Hall probes spaced
at 2.5 mm, differential amplifier, filter for offset compensation, Schmitt-trigger, and a
switched current source.
The TLE 4923 was designed to have a wide range of application parameter
variations. Differential fields up to
± 40 mT can be detected without influence to
the switching performance. The pre-induction field can either come from a
magnetic south or north pole, whereby the field strength up to 500 mT or more will
not influence the switching points
1). The improved temperature compensation
enables a superior sensitivity and accuracy over the temperature range. Finally,
the
optimized
piezo
compensation
and
the
integrated
dynamic
offset
compensation enable easy manufacturing and elimination of magnet offsets.
Protection is provided at the input/supply (pin 1) for reverse polarity.
1)
Differential bias fields exceeding
± 20 mT, e. g. caused by a misaligned magnet, should be avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com