Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4935 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TLE4935
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4935 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button TLE4935 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TLE 4905 L; TLE 4935 L;
TLE 4935-2 L; TLE 4945 L; TLE 4945-2L
Semiconductor Group
6
1997-09-01
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Note: In the operating range the functions given in the circuit description are fulfilled.
Absolute Maximum Ratings
T
j = – 40 to 150 ˚C
Parameter
Symbol
Limit Values Unit Remarks
min.
max.
Supply voltage
V
S
– 40
32
V
–
Supply voltage
V
S
–40
V
t < 400 ms;
ν = 0.1
Output voltage
V
Q
–32
V
–
Output current
I
Q
–
100
mA
–
Output reverse current
–
I
Q
–
100
mA
–
Junction temperature
T
j
– 40
150
˚C
–
Junction temperature
T
j
–
170
˚C
1000 h
Junction temperature
T
j
–
210
˚C
40 h
Storage temperature
T
stg
– 50
150
˚C
–
Thermal resistance
R
th JA
–
190
K/W –
Operating Range
Parameter
Symbol
Limit Values Unit Remarks
min.
max.
Supply voltage
V
S
3.8
24
V
–
Junction temperature
T
j
– 40
150
˚C
–
Junction temperature
T
j
– 40
170
˚C
thresholds may
exceed the limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com