Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4935 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # TLE4935
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4935 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button TLE4935 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TLE 4905 L; TLE 4935 L;
TLE 4935-2 L; TLE 4945 L; TLE 4945-2L
Semiconductor Group
7
1997-09-01
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
j = 25 °C and
the given supply voltage.
AC/DC Characteristics
3.8 V
≤ V
S ≤ 24 V; – 40 ˚C ≤ Tj ≤ 150 ˚C
Parameter
Symbol
Limit Values
Unit Test Condition
Test
Circuit
min.
typ.
max.
Supply current
I
SHigh
I
SLow
–
–
3
4
7
8
mA
mA
B <
B
RP
B >
B
OP
1
1
Output saturation
voltage
V
QSat
–
0.25
0.5
V
I
Q = 40 mA
1
Output leakage
current
I
QL
––10
µA
V
Q = 24 V
1
Rise/fall time
t
r / tf
––1
µs
R
L = 1.2 kΩ
C
L ≤ 33 pF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com