Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4935 Datasheet(PDF) 15 Page - Siemens Semiconductor Group

Part # TLE4935
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4935 Datasheet(HTML) 15 Page - Siemens Semiconductor Group

Back Button TLE4935 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 12Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 13Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 14Page - Siemens Semiconductor Group TLE4935 Datasheet HTML 15Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
TLE 4905 L; TLE 4935 L;
TLE 4935-2 L; TLE 4945 L; TLE 4945-2L
Semiconductor Group
15
1997-09-01
Package Outline
P-SSO-3-2
(
Plastic Single Small Outline Package)
Exterior Packaging
I.e. tubes, trays, boxes are shown in our Data Book “Package Information”.
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com