Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2522L-R Datasheet(PDF) 4 Page - SiGe Semiconductor, Inc.

Part # SE2522L-R
Description  RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2522L-R Datasheet(HTML) 4 Page - SiGe Semiconductor, Inc.

  SE2522L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SE2522L
RangeCharger™ 2.4 GHz Power Amplifier And Power Detector IC
Preliminary Information
AC Electrical Characteristics
Conditions: V
CC0 = VCC1 = VCC2 = VEN = 3.3V, VCTL = 1.6V, TA = 25°C, f = 2.45GHz, using IEEE802.11b modulation,
and SiGe Semiconductor SE2522L-EK1 Evaluation Kit otherwise noted.
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit
f
L-U
Frequency Range
2400
2485
MHz
Output Power @ PIN =-7dBm, VCTL =1.6V,
ACPR < -30dBc
2
18
20
22
dBm
Output Power @ PIN =-7dBm, VCTL = 0.1V,
ACPR < -30dBc
2
-
-5
5
dBm
P
OUT
Output Power (sat) @ PIN = +2dBm,
VCTL = 1.6V
3
21
23
-
dBm
dPOUT
/dVCTL
Control Voltage Sensitivity
20
dB/V
G
Gain, small signal
27
dB
G
VAR
Gain Variation over band (2400-2485MHz)
1.0
2.0
dB
2f,3f,4f,5f
Harmonics
1
-50
dBc
IS21 IOFF
Isolation in “OFF” State, P
IN <= +2dBm,
VEN =0V
20
30
dB
IS12I
Reverse Isolation
32
42
dB
tR
Rise and Fall Time 10% to 90%
1.2
µs
STAB
Stability (PIN <= +2dBm, Load VSWR = 6:1)
All non-harmonically related outputs less than
-50 dBc/100kHz
PDR
Power detect range, peak power
6
23
dBm
PDT
PA power detect, response time, 5pF load
4
0.1
5
µsec
PDVmax
PA power detect, output voltage maximum,
load > 5kOhms
4
1.8
V
PDVmin
PA power detect, output voltage minimum,
load > 5kOhms
4
0.2
V
PDVp19
PA power detect output voltage,
POUT = 13dBm peak
4
0.8
V
PDVap19
PA power detect output voltage accuracy,
POUT = 19dBm peak
4
±35
mV
Notes: (1) Harmonic levels and ACPR are greatly affected by topology of external matching networks.
(2) Parameter measured with RF modulation based on IEEE 802.11b standard and matching networks
optimized for linear output power performance
(3) With matching networks optimized for saturated output power performance
(4) Measured at VDET pin
18-DST-01 Rev 2.4 Aug 7/02
4 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com