Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2522L-R Datasheet(PDF) 6 Page - SiGe Semiconductor, Inc.

Part # SE2522L-R
Description  RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2522L-R Datasheet(HTML) 6 Page - SiGe Semiconductor, Inc.

  SE2522L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SE2522L
RangeCharger™ 2.4 GHz Power Amplifier And Power Detector IC
Preliminary Information
Harmonics vs Output Power (VCC=3.3V)
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
P
OUT (dBm )
2Fo/T=25C
3Fo/T=25C
4Fo/T=25C
5Fo/T=25C
Power Detector Response vs. Output Power
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
8.0
10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0
P
OUT (dBm )
3.0V/T=25C
3.0V/T=-40C
3.0V/T=0C
3.0V/T=40C
3.0V/T=85C
3.3V/T=25C
3.3V/T=25C
3.3V/T=0C
3.3V/T=40C
3.3V/T=85C
3.6V/T=25C
3.6V/T=-40C
3.6V/T=0C
3.6V/T=40C
3.6V/T=85C
Output Power vs. VCTL (PIN=-10dBm)
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
0
0.5
1
1.5
2
2.5
3
3.5
V
CTL (V)
0
20
40
60
80
100
120
140
POUT
ICC
ACPR vs. VCTL (PIN=-10dBm)
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
00.5
1
1.5
22.533.5
V
CTL (V)
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
POUT
ACPR/1Ch
ACPR/2Ch
18-DST-01 Rev 2.4 Aug 7/02
6 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com