Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2522L-R Datasheet(PDF) 5 Page - SiGe Semiconductor, Inc.

Part # SE2522L-R
Description  RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2522L-R Datasheet(HTML) 5 Page - SiGe Semiconductor, Inc.

  SE2522L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SE2522L
RangeCharger™ 2.4 GHz Power Amplifier And Power Detector IC
Preliminary Information
Typical Performance Characteristics
Conditions:
VCC=3.3V, VCTL=1.6V, VEN=3.3V, F=2.45GHz, using IEEE802.11b modulation, and matching networks
optimized for linear output power performance. Performance graphs are based on preliminary
evaluation information and may differ from the AC and DC electrical specifications.
Output Power vs. Input Power
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
P
IN (dBm )
3.0V/T=25C
3.3V/T=25C
3.6V/T=25C
Supply Current vs. Input Power
50
60
70
80
90
100
110
120
130
140
150
160
170
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
P
IN (dBm )
3.0V/T=25C
3.3V/T=25C
3.6V/T=25C
ACPR vs. Output Power
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
P
OUT (dBm )
3.0V/T=25C
3.3V/T=25C
3.6V/T=25C
ACPR Across Frequency Band (VCC=3.3V)
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
P
OUT (dBm )
f = 2.4GHz
f = 2.5GHz
18-DST-01 Rev 2.4 Aug 7/02
5 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com