Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2850 Datasheet(PDF) 1 Page - Sipex Corporation

Part # AS2850
Description  5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS2850 Datasheet(HTML) 1 Page - Sipex Corporation

  AS2850 Datasheet HTML 1Page - Sipex Corporation AS2850 Datasheet HTML 2Page - Sipex Corporation AS2850 Datasheet HTML 3Page - Sipex Corporation AS2850 Datasheet HTML 4Page - Sipex Corporation AS2850 Datasheet HTML 5Page - Sipex Corporation AS2850 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. 10/11/00
AS2850
5A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response
FEATURES
APPLICATIONS
• Adjustable Output Down To 1.2V
• Powering VGA & Sound Card
• Fixed Output Voltages 1.5V, 2.5V, 3.3V & 5.0V
• Power PCSupplies
• Output Current Of 5A
• SMPS Post-Regulator
• Low Dropout Voltage 1.1V Typ @ 5A.
• High Efficiency “Green” Computer Systems
• Extremely Tight Load And Line Regulation
• High Efficiency Linear Power Supplies
• Current & Thermal Limiting
• Portable Instrumentation
• Standard 3-Terminal Low Cost TO-220 & TO-263
• Constant Current Regulators
• Similar To Industry Standard LT1085/LT1585
• Adjustable Power Supplies
• Battery charger
PRODUCT DESCRIPTION
The AS2850 are low power 5A adjustable and fixed voltage regulators that are very easy to use. It requires only 2 external resistors to
set the output voltage for adjustable version. The AS2850 are designed for low voltage applications that offers lower dropout voltage
and faster transient response. This device is an excellent choice for use in powering low voltage microprocessor that require a lower
dropout, faster transient response to regulate from +2.5V to 3.8V supplies and as a post regulator for switching supplies applications.
The AS2850 features low dropout of a maximum 1.2 volts.
The AS2850 offers full protection against over-current faults, reversed input polarity, reversed load insertion, and positive and
negative transient voltage. On-Chip trimming adjusts the reference voltage to 1%. The IQ of this device flows into the load, which
increases efficiency.
The AS2850 are offered in a 3-pin TO-220 and TO-263 package compatible with other 3 terminal regulators. For a 8A low dropout
regulator refer to the AS2880 data sheet.
ORDERING INFORMATION
TO-220
3-PIN
DD PLASTIC
3-PIN
AS2850YU-X
AS2850YT-X
X= Output Voltage (i.e. 1.5 for 1.5V, 2.5 for 2.5V etc.)
Y= Output Tolerance, A for 1%
Blank for 2%
Consult factory for other fixed voltages.
PIN CONNECTIONS
Top View
TO-263-3 (T)
1
2
3
ADJ/GND
V
OUT
V
IN
AS2850
Front View
TO-220-3 (U)
AS2580
1
2
V
IN
V
OUT
ADJ/GND
3


Similar Part No. - AS2850

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YM3-X SIPEX-AS2810YM3-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YR-X SIPEX-AS2810YR-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YT-X SIPEX-AS2810YT-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YU-X SIPEX-AS2810YU-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - AS2850

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
Sipex Corporation
SPX1084 SIPEX-SPX1084 Datasheet
165Kb / 6P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1581 SIPEX-SPX1581 Datasheet
147Kb / 5P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1581 SIPEX-SPX1581 Datasheet
81Kb / 7P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1585 SIPEX-SPX1585 Datasheet
207Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX1585AT-L SIPEX-SPX1585AT-L Datasheet
213Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com