Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F71869AD Datasheet(PDF) 49 Page - Feature Integration Technology Inc.

Part # F71869AD
Description  Super I/O Hardware Monitor
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869AD Datasheet(HTML) 49 Page - Feature Integration Technology Inc.

Back Button F71869AD Datasheet HTML 45Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 46Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 47Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 48Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 49Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 50Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 51Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 52Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 53Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 156 page
background image
Oct., 2011
V0.19P
49
F71869A
6. Register Description
The configuration register is used to control the behavior of the corresponding devices. To
configure the register, using the index port to select the index and then writing data port to alter
the parameters. The default index port and data port are 0x4E and 0x4F respectively. Pull down
the SOUT1 pin to change the default value to 0x2E/0x2F. To enable configuration, the entry key
0x87 must be written to the index port. To disable configuration, write exit key 0xAA to the index
port. Following is a example to enable configuration and disable configuration by using debug.
-o 4e 87
-o 4e 87
(enable configuration)
-o 4e aa
(disable configuration)
The Following is a register map (total devices) grouped in hexadecimal address order, which shows
a summary of all registers and their default value. Please refer each device chapter if you want
more detail information.
Global Control Registers
“-“ Reserved or Tri-State
Global Control Registers
Register
0x[HEX]
Register Name
Default Value
MSB
LSB
02
Software Reset Register
-
-
-
-
-
-
-
0
07
Logic Device Number Register (LDN)
0
0
0
0
0
0
0
0
20
Chip ID Register 1
0
0
0
1
0
0
0
0
21
Chip ID Register 2
0
0
0
0
0
1
1
1
23
Vendor ID Register 1
0
0
0
1
1
0
0
1
24
Vendor ID Register 2
0
0
1
1
0
1
0
0
25
Software Power Down Register
-
-
-
-
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com