Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F71869AD Datasheet(PDF) 13 Page - Feature Integration Technology Inc.

Part # F71869AD
Description  Super I/O Hardware Monitor
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869AD Datasheet(HTML) 13 Page - Feature Integration Technology Inc.

Back Button F71869AD Datasheet HTML 9Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 10Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 11Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 12Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 13Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 14Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 15Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 16Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 17Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 156 page
background image
Oct., 2011
V0.19P
13
F71869A
This is an open drain output.
FDC function is selected by register setting.
GPIO33
I/OD14st,5v
Default General Purpose IO.
10
WDATA#
OD14,5v
3VCC
Write data. This logic low open drain writes pre-compensation
serial data to the selected FDD. An open drain output.
FDC function is selected by register setting.
GPIO34
I/OD14st,5v
Default General Purpose IO.
11
DIR#
OD14,5v
3VCC
Direction of the head step motor. An open drain output. Logic
1 = outward motion
Logic 0 = inward motion
FDC function is selected by register setting.
GPIO35
I/OD14st,5v
Default General Purpose IO. (Suppot scan / make code
setting).
12
STEP#
OD14,5v
3VCC
Step output pulses. This active low open drain output produces
a pulse to move the head to another track.
FDC function is selected by register setting.
GPIO36
I/OD14st,5v
Default General Purpose IO. (Suppot scan code setting).
13
HDSEL#
OD14,5v
3VCC
Head select. This open drain output determines which disk
drive head is active.
Logic 1 = side 0
Logic 0 = side 1
FDC function is selected by register setting.
GPIO37
I/OD14st,5v
Default General Purpose IO. (Suppot scan code setting).
14
WGATE#
OD14,5v
3VCC
Write enable. An open drain output.
FDC function is selected by register setting.
GPIO50
I/OOD12st,5v
Default General Purpose IO. Support volume up control from
LPC (Suppot scan code setting).
15
RDATA#
INst,5v
3VCC
The read data input signal from the FDD.
FDC function is selected by register setting.
GPIO51
I/OOD12st,5v
Default General Purpose IO. Support volume down control
from LPC (Suppot scan code setting).
16
TRK0#
INst,5v
3VCC
Track 0. This Schmitt-triggered input from the disk drive is
active low when the head is positioned over the outermost
track.
FDC function is selected by register setting.
GPIO52
I/OOD12st,5v
Default General Purpose IO. Support mute control from LPC
(Suppot scan code setting).
17
INDEX#
INst,5v
3VCC
This Schmitt-triggered input from the disk drive is active low
when the head is positioned over the beginning of a track
marked by an index hole.
FDC function is selected by register setting.
GPIO53
I/OOD12st,5v
Default General Purpose IO. Support PWM up for FANCTL3
(Suppot scan code setting).
18
WPT#
INst,5v
3VCC
Write protected. This active low Schmitt input from the disk
drive indicates that the diskette is write-protected.
FDC function is selected by register setting.
19
GPIO54
I/OOD12st,5v
3VCC
Default General Purpose IO. Support PWM down for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com