Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F71869AD Datasheet(PDF) 21 Page - Feature Integration Technology Inc.

Part # F71869AD
Description  Super I/O Hardware Monitor
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869AD Datasheet(HTML) 21 Page - Feature Integration Technology Inc.

Back Button F71869AD Datasheet HTML 17Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 18Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 19Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 20Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 21Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 22Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 23Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 24Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 25Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 156 page
background image
Oct., 2011
V0.19P
21
F71869A
SUS_WARN#
INst,5v
This pin asserts low when the PCH is planning to enter the
DSW power state. It can detect 5VDUAL level with delay
setting supported.
54
TIMING_1
OD12,5v
I_VSB3V
Active high. Timing sequence 1 of power on/off sequence
pins. The external pull high resistor is required.
(Output detected by VCCOK(VDDOK) level good, ref
Figure 15 )
S3P5_Gate#
OD12
Status Pin2 for S0#/S3#/S5# states application. (Default
function)
In S0#
S3P5_Gate# pin status is Tri-state.
In S3# ( S3P5_Gate # pin status is Low level.
In S5# ( S3P5_Gate # pin status is Tri-state, and can be
programmed Low level.
SLOTOCC#
INst,5v
CPU SLOTOCC# input.
55
GPIO04
OD12,5v
I_VSB3V
General Purpose IO. GPIO function is selected by register
setting
S3_Gate#
OD12
Status Pin1 for S0#/S3#/S5# states application. (Default
function)
In S0# ( S3_Gate# pin status is Tri-state.
In S3# ( S3_Gate# pin status is Low level.
In S5# ( S3_Gate# pin status is Tri-state.
GPIO05
I/OOD12st,5v
General Purpose IO. GPIO function is selected by register
setting
56
WDTRST#
OD12,5v
I_VSB3V
Watch dog timer signal output.
S0P5_Gate#
OD24,5v
S0P5_Gate# for S0#/S3#/S5# states application.
In S0# (S0P5_Gate# pin status is Low-state.
In S3# (S0P5_Gate# pin status is Tri-state.
In S5#
S0P5_Gate# pin status is Tri-state, and can be
programmed Low-state.
GPIO13
I/OOD24st,5v
General Purpose IO. GPIO function is selected by register
setting
62
BEEP
OD24,5v
I_VSB3V
Beep pin.
4.9 KBC Function
Pin No.
Pin Name
Type
PWR
Description
40
KBRST#
OD16,5v,u10k
3VCC
Keyboard reset. This pin is high after system reset. Internal
pull high 3.3V with 10k ohms. (KBC P20)
41
GA20
OD16,5v,u10k
3VCC
Gate A20 output. This pin is high after system reset. Internal
pull high 3.3V with 10k ohms. (KBC P21)
69
KDATA
I/OD16st,5V
I_VSB3V
Keyboard Data.
70
KCLK
I/OD16st,5V
I_VSB3V
Keyboard Clock.
71
MDATA
I/OD16st,5V
I_VSB3V
PS2 Mouse Data.
72
MCLK
I/OD16st,5V
I_VSB3V
PS2 Mouse Clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com