Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP332 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP332
Description  RS-232/RS-485 Multi-Mode Serial Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP332 Datasheet(HTML) 1 Page - Sipex Corporation

  SP332 Datasheet HTML 1Page - Sipex Corporation SP332 Datasheet HTML 2Page - Sipex Corporation SP332 Datasheet HTML 3Page - Sipex Corporation SP332 Datasheet HTML 4Page - Sipex Corporation SP332 Datasheet HTML 5Page - Sipex Corporation SP332 Datasheet HTML 6Page - Sipex Corporation SP332 Datasheet HTML 7Page - Sipex Corporation SP332 Datasheet HTML 8Page - Sipex Corporation SP332 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
TGoddard/SP332/9617R0
SP332 RS-232/RS-485 Multi-Mode Serial Transceiver
© Copyright 2000 Sipex Corporation
SP332
RS-232/RS-485 Multi-Mode Serial Transceiver
RS-232 Mode
Full Duplex RS-485
s +5V-Only Single Supply Operation
s 4 Drivers, 4 Receivers RS-232
s 2 Drivers, 2 Receivers RS-485
s Loop Back Function for Self Test
s 28 Pin SOIC Packaging
DESCRIPTION…
The SP332 is a monolithic device that contains both RS-232 and RS-485 line drivers and
receivers. The configuration of the SP332 can be changed at any time by changing the logic
state of two control input pins. The device also includes a loop back function which internally
connects driver outputs to receiver inputs for a chip self test. A Sipex-patented charge pump
(5,306,954) allows +5V-only operation.
SEL A
TTL/CMOS
TTL/CMOS
TTL/CMOS
0.1
µF
0.1
µF
C1+
C1-
C2+
C2-
1
SEL B
2
+5V
VCC
5
GND
8
9
11
12
13
19
20
22
24
26
27
28
TTL/CMOS
TTL/CMOS
TTL/CMOS
TTL/CMOS
T1
T3
R1
RS-485/RS-232
RS-485/RS-232
RS-485/RS-232
TTL/CMOS
0.1
µF
0.1
µF
V+
V-
TTL/CMOS
SHUT
DOWN
RS-485/RS-232
RS-485/RS-232
RS-485/RS-232
4
6
7
10
14
15
16
23
25
3
RI1
RI2
TX3
TX4
TX1
TX2
TI1
TI2
TI3
TI4
RX1
RX2
TTL/CMOS
21
R3
17
18
RI4
RI3
RX3
RX4
Vcc
Vcc
LOOP
BACK
RS-485/RS-232
RS-485/RS-232
+5V
+5V
TTL/CMOS
TTL/CMOS
+5V
GND
TTL/CMOS
TTL/CMOS
TTL/CMOS
TTL/CMOS
TTL/CMOS
0.1
µF
0.1
µF
VCC
V+
V-
TTL/CMOS
SHUT
DOWN
RS-232
TTL/CMOS
TTL/CMOS
TTL/CMOS
TTL/CMOS
T1
T2
T3
T4
TX1
TX2
TX3
TX4
TI1
TI2
TI3
TI4
RI1
RI2
RI3
RI4
RX1
RX2
RX3
RX4
1
3
4
5
6
7
8
10
0.1
µF
0.1
µF
C1+
C1-
C2+
C2-
9
11
12
13
14
15
16
17
18
19
20
21
22
23
SEL B
2
SEL A
24
25
26
27
28
R1
R2
R3
R4
5K
Ω
5K
Ω
5K
Ω
5K
Ω
400K
Ω
Vcc
400K
Ω
Vcc
400K
Ω
Vcc
400K
Ω
Vcc
RS-232
RS-232
RS-232
RS-232
RS-232
RS-232
RS-232
LOOP
BACK
0V
0V
SP332
SP332
®


Similar Part No. - SP332

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP332 EXAR-SP332 Datasheet
773Kb / 11P
RS-232/RS-485 Multi-mode SerialTransceiver
More results

Similar Description - SP332

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP331 SIPEX-SP331 Datasheet
169Kb / 13P
Programmable RS-232/RS-485 Transceiver
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
Programmable RS-232/RS-485 Transceiver
logo
Exar Corporation
SP336E EXAR-SP336E Datasheet
1Mb / 30P
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP332 EXAR-SP332 Datasheet
773Kb / 11P
RS-232/RS-485 Multi-mode SerialTransceiver
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP334CT-L-TR EXAR-SP334CT-L-TR Datasheet
725Kb / 14P
Programmable RS-232/RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com