Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP332 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP332
Description  RS-232/RS-485 Multi-Mode Serial Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP332 Datasheet(HTML) 4 Page - Sipex Corporation

  SP332 Datasheet HTML 1Page - Sipex Corporation SP332 Datasheet HTML 2Page - Sipex Corporation SP332 Datasheet HTML 3Page - Sipex Corporation SP332 Datasheet HTML 4Page - Sipex Corporation SP332 Datasheet HTML 5Page - Sipex Corporation SP332 Datasheet HTML 6Page - Sipex Corporation SP332 Datasheet HTML 7Page - Sipex Corporation SP332 Datasheet HTML 8Page - Sipex Corporation SP332 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
TGoddard/SP332/9617R0
SP332 RS-232/RS-485 Multi-Mode Serial Transceiver
© Copyright 2000 Sipex Corporation
A
VOD
VOC
B
R
R
Figure 1. RS-485 Driver DC Test Load Circuit
Figure 2. Receiver Timing Test Load Circuit
Figure 3. RS-485 Driver/Receiver Timing Test Circuit
Figure 4. RS-485 Driver Timing Test Load #2 Circuit
CRL
1K
S2
S1
VCC
1K
Test Point
Receiver
Output
B
A
DI
B
A
CL1
CL2
RDIFF
RO
15pF
S2
S1
VCC
CL
500
Output
Under
Test
tPLH
tPHL
tPLH
tSKEW
f = 1MHz; tR ≤ 10ns; tF ≤ 10ns
1.5V
1.5V
1/2VO
1/2VO
tSKEW
+3V
0V
B
A
VO
VO+
tR
VO–
VA – VB
0V
tF
DI
DRIVER
OUTPUT
DIFFERENTIAL
OUTPUT
Figure 6. RS-485 Driver Propagation Delays
Figure 7. RS-485 Receiver Propagation Delays
VOL
VOH
VOD2+
VOD2–
A – B
R
0V
1.5V
1.5V
tPHL
tPHL
0V
INPUT
OUTPUT
f = 1MHz; tR ≤ 10ns; tF ≤ 10ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com