Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP332 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP332
Description  RS-232/RS-485 Multi-Mode Serial Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP332 Datasheet(HTML) 2 Page - Sipex Corporation

  SP332 Datasheet HTML 1Page - Sipex Corporation SP332 Datasheet HTML 2Page - Sipex Corporation SP332 Datasheet HTML 3Page - Sipex Corporation SP332 Datasheet HTML 4Page - Sipex Corporation SP332 Datasheet HTML 5Page - Sipex Corporation SP332 Datasheet HTML 6Page - Sipex Corporation SP332 Datasheet HTML 7Page - Sipex Corporation SP332 Datasheet HTML 8Page - Sipex Corporation SP332 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
TGoddard/SP332/9617R0
SP332 RS-232/RS-485 Multi-Mode Serial Transceiver
© Copyright 2000 Sipex Corporation
SPECIFICATIONS
T
MIN to TMAX and VCC = 5V±5% unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RS-485 DRIVER
DC Characteristics
Differential Output Voltage
GND
V
CC
Volts
Unloaded; R=
∞; see figure 1
Differential Output Voltage
2.0
5.0
Volts
With Load; R=50
Ω (RS-422);
see figure 1
Differential Output Voltage
1.5
5.0
Volts
With Load; R=27
Ω (RS-485);
see figure 1
Change in Magnitude of Driver
Differential Output Voltage for
Complementary States
0.2
Volts
R=27
Ω or R=50Ω; see figure 1
Driver Common-Mode Output
Voltage
3
Volts
R=27
Ω or R=50Ω; see figure 1
Input High Voltage
2.0
Volts
Applies to transmitter inputs,
SEL A, SEL B, SD, LB
Input Low Voltage
0.8
Volts
Applies to
SEL A, SEL B, SD, LB
Input Current
±10
µA
Applies to:
Pull-Up Current
1.5
µA
transmitter inputs, LB
Pull-Down Current
3.0
µA
SEL A, SEL B, SD,
Driver Short-Circuit
Current
V
OUT= HIGH
35
250
mA
-7V
≤V
O≤10V
V
OUT= LOW
35
250
mA
-7V
≤V
O≤10V
AC Characteristics
Driver Data Rate
10
Mbps
Driver Input to Output
70
180
ns
R
DIFF=54Ω, CL1=CL2=100pF;
t
PLH
see figures 3 and 6
Driver Input to Output
70
180
ns
R
DIFF=54Ω, CL1=CL2=100pF;
t
PHL
see figures 3 and 6
Driver Skew
5
10
ns
From output to output;
see figures 3 and 6
Driver Rise or Fall Time
3
15
40
ns
From 10% to 90%; R
DIFF=54Ω,
C
L1=CL2=100pF; see figures 3 and 6
RS-485 RECEIVER
DC Characteristics
Differential Input Threshold
-0.2
+0.2
Volts
-7V
≤V
CM≤12V
Input Hysteresis
70
mV
V
CM=0V
Output Voltage High
3.5
Volts
I
O=-4mA, VID=+200mV
Output Voltage Low
0.4
Volts
I
O=+4mA, VID=-200mV
Input Resistance
12
15
k
Ω
-7V
≤V
CM≤12V
Input Current (A, B); V
IN= 12V
+1.5
mA
V
IN= 12V, A is the non-inverting
receiver input. B is the inverting
receiver input
Input Current (A, B); V
IN= -7V
-0.8
mA
V
IN= -7V
Short Circuit Current
85
mA
0V
≤V
CM≤VCC
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
V
CC............................................................................................................+12V
Input Voltages
Logic........................................................-0.5V to (V
CC+0.5V)
Drivers..................................................-0.5V to (V
CC+0.5V)
Receivers.................................................
±30V@≤100mA
Driver Outputs......................................................................................
±15V
Storage Temperature..................................................-65˚C to +150˚C
Power Dissipation..........................................................................1000mW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com