Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP334 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP334
Description  Programmable RS-232/RS-485 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP334 Datasheet(HTML) 1 Page - Sipex Corporation

  SP334 Datasheet HTML 1Page - Sipex Corporation SP334 Datasheet HTML 2Page - Sipex Corporation SP334 Datasheet HTML 3Page - Sipex Corporation SP334 Datasheet HTML 4Page - Sipex Corporation SP334 Datasheet HTML 5Page - Sipex Corporation SP334 Datasheet HTML 6Page - Sipex Corporation SP334 Datasheet HTML 7Page - Sipex Corporation SP334 Datasheet HTML 8Page - Sipex Corporation SP334 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
SP334DS/10
Programmable RS-232/RS-485 Transceiver
© Copyright 2000 Sipex Corporation
SP334
Programmable RS-232/RS-485 Transceiver
s +5V Only Operation
s Software Programmable RS-232 or RS-
485 Selection
s Three RS-232 Drivers and Five Receivers
in RS-232 Mode
s Two RS-485 Full-Duplex Transceivers in
RS-485 Mode
s Full Differential Driver Tri-State (Hi-Z)
Control
s Receiver Output Tri-State Control
DESCRIPTION…
The SP334 is a programmable RS-232 and/or RS-485 transceiver IC. The SP334 contains three
drivers and five receivers when selected in RS-232 mode; and two drivers and two receivers when
selected in RS-485 mode.
The RS-232 transceivers can typically operate at 230kbps while adhering to the RS-232
specifications. The RS-485 transceivers can operate up to 10Mbps while adhering to the RS-485
specifications. The RS-485 drivers can be disabled (High-Z output) by the TXEN enable pin. The
RS-232 and RS-485 receiver outputs can be disabled by the RXEN enable pin.
TI3
TXEN(n/c)
TX4(n/c)
TX3
VCC
TX1
TX2
GND
C1+
V+
C2+
C1–
C2–
V–
TI2
TI1
RXEN
RS232/RS485
RI5
RX5
RX4
RX3
RX2
RX1
RI4
RI3
RI2
RI1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
SP334
(in RS-232 mode)
®


Similar Part No. - SP334

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP334CT-L EXAR-SP334CT-L Datasheet
725Kb / 14P
Programmable RS-232/RS-485 Transceiver
SP334CT-L-TR EXAR-SP334CT-L-TR Datasheet
725Kb / 14P
Programmable RS-232/RS-485 Transceiver
SP334CT-L/TR EXAR-SP334CT-L/TR Datasheet
725Kb / 14P
Programmable RS-232/RS-485 Transceiver
SP334ET-L EXAR-SP334ET-L Datasheet
725Kb / 14P
Programmable RS-232/RS-485 Transceiver
SP334ET-L/TR EXAR-SP334ET-L/TR Datasheet
725Kb / 14P
Programmable RS-232/RS-485 Transceiver
More results

Similar Description - SP334

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP331 SIPEX-SP331 Datasheet
169Kb / 13P
Programmable RS-232/RS-485 Transceiver
SP331 SIPEX-SP331 Datasheet
187Kb / 13P
Programmable Dual RS-232/RS-485 Transceiver
logo
Exar Corporation
SP336E EXAR-SP336E Datasheet
1Mb / 30P
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP331 EXAR-SP331 Datasheet
912Kb / 13P
Programmable Dual RS-232/RS-485 Transceiver
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP334CT-L-TR EXAR-SP334CT-L-TR Datasheet
725Kb / 14P
Programmable RS-232/RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com