Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP334 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP334
Description  Programmable RS-232/RS-485 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP334 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP334 Datasheet HTML 3Page - Sipex Corporation SP334 Datasheet HTML 4Page - Sipex Corporation SP334 Datasheet HTML 5Page - Sipex Corporation SP334 Datasheet HTML 6Page - Sipex Corporation SP334 Datasheet HTML 7Page - Sipex Corporation SP334 Datasheet HTML 8Page - Sipex Corporation SP334 Datasheet HTML 9Page - Sipex Corporation SP334 Datasheet HTML 10Page - Sipex Corporation SP334 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
SP334DS/10
Programmable RS-232/RS-485 Transceiver
© Copyright 2000 Sipex Corporation
Figure 12. Typical Operating Circuit
Figure 11. SP334 Pinout
25
12
14
+5V
GND
TTL/CMOS
TTL/CMOS
TTL/CMOS
0.1
µF
0.1
µF
VCC
V+
V–
TTL/CMOS
TTL/CMOS
T1
T2
T3
R1
TX1
TX2
TX3
RI1
TI1
TI2
TI3
RX1
RX5
RX4
RX3
RX2
RI5
RI4
RI3
RI2
19
15
4
5
6
7
8
10
0.1
µF
0.1
µF
C1+
C1-
C2+
C2-
9
11
13
23
22
21
20
16
RS232/RS485
27
28
1
400K
Vcc
400K
Vcc
400K
Vcc
RS-232
0V
TTL/CMOS
TTL/CMOS
TTL/CMOS
17
18
RS-232
RS-232
RS-232
RS-232
24
5K
5K
5K
5K
SP334
R2
R3
5K
R4
R5
RS-232
RS-232
RS-232
RXEN
TTL/CMOS
26
3
N/C
N/C
2
TTL/CMOS
TTL/CMOS
TTL/CMOS
0.1
µF
0.1
µF
C1+
C1-
C2+
C2-
TXEN
2
+5V
VCC
5
GND
8
9
11
12
13
19
27
1
R1
RS-485
RS-485
RS-485
TTL/CMOS
0.1
µF
0.1
µF
V+
V–
+5V
RS-485
RS-485
RS-485
4
6
7
10
14
16
15
26
25
RI2
RI1
TX3
TX4
TX1
TX2
TI1
TI3
RX1
TTL/CMOS
21
17
18
RI4
RI3
RX3
15K
15K
400K
Vcc
400K
Vcc
RXEN
RS-485
RS-485
SP334
3
RS232/RS485
15K
15K
R3
T1
T3
TTL/CMOS
TI3
TXEN(n/c)
TX4(n/c)
TX3
VCC
TX1
TX2
GND
C1+
V+
C2+
C1–
C2–
V–
TI2
TI1
RXEN
RS232/RS485
RI5
RX5
RX4
RX3
RX2
RX1
RI4
RI3
RI2
RI1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
SP334
(in RS-232 mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com