Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP334 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP334
Description  Programmable RS-232/RS-485 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP334 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP334 Datasheet HTML 4Page - Sipex Corporation SP334 Datasheet HTML 5Page - Sipex Corporation SP334 Datasheet HTML 6Page - Sipex Corporation SP334 Datasheet HTML 7Page - Sipex Corporation SP334 Datasheet HTML 8Page - Sipex Corporation SP334 Datasheet HTML 9Page - Sipex Corporation SP334 Datasheet HTML 10Page - Sipex Corporation SP334 Datasheet HTML 11Page - Sipex Corporation SP334 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SP334DS/10
Programmable RS-232/RS-485 Transceiver
© Copyright 2000 Sipex Corporation
10
outputs. The drivers can only be tri-stated in
RS-485 mode. The drivers are always active in
RS-232 mode.
The receiver outputs can also be tri-stated by
use of the RXEN pin. A logic LOW will enable
the receiver outputs and a logic HIGH will
tri-state the outputs.
The receiver tri-state
capability is offered for both RS-232 and
RS-485 modes. The input impedance if the
receivers during tri-state is at least 12k
Ω.
Applications
The SP334 allows the user flexibility in having
a RS-232 or RS-485 serial port without using
two different discrete active ICs. Figure 18
shows a connection to a standard DB-9 RS-232
connector. In RS-485 mode, the SP334 is a full
duplex transceiver, however, a half duplex
configuration can be made by connecting the
driver outputs to the receiver inputs.
25
12
14
+5V
GND
CTS
TxD
RTS
0.1
µF
0.1
µF
VCC
V+
V–
DTR
RxD
T1
T2
T3
R1
TX1
TX2
TX3
RI1
TI1
TI2
TI3
RX1
RX5
RX4
RX3
RX2
RI5
RI4
RI3
RI2
19
15
4
5
6
7
8
10
0.1
µF
0.1
µF
C1+
C1-
C2+
C2-
9
11
13
23
22
21
20
16
RS232/RS485
27
28
1
400K
Ω
Vcc
400K
Ω
Vcc
400K
Ω
Vcc
0V
DSR
DCD
RI
17
18
24
5K
Ω
5K
Ω
5K
Ω
5K
Ω
SP334
R2
R3
5K
Ω
R4
R5
RXEN
26
1
9
5
6
TxD
DTR
RTS
RxD
CTS
DSR
DCD
RI
SG
Figure 18. SP334 Configuration to a DB-9 Serial Port
The RS-232 receiver has a single–ended input
with a threshold of 0.8V to 2.4V. The RS-232
receiver has an operating voltage range of
±15V
and can receive signals up to 120kbps. RS-232
receivers are used in RS-232 mode for all signal
types include data, clock, and control lines of
the RS-232 serial port.
The differential RS-485 receiver has an input
impedance of 15k
Ω and a differential threshold
of
±200mV. Since the characteristics of an RS-
422 receiver are actually subsets of RS485, the
receivers for RS-422 requirements are identical
to the RS-485 receivers. All of the differential
receivers can receive data up to 10Mbps.
Enable Pins
The SP334 drivers can be enabled by use of the
TXEN pin. A logic HIGH will enable the driver
outputs and a logic LOW will tri-state the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com