Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3493 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3493
Description  3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3493 Datasheet(HTML) 1 Page - Sipex Corporation

  SP3493 Datasheet HTML 1Page - Sipex Corporation SP3493 Datasheet HTML 2Page - Sipex Corporation SP3493 Datasheet HTML 3Page - Sipex Corporation SP3493 Datasheet HTML 4Page - Sipex Corporation SP3493 Datasheet HTML 5Page - Sipex Corporation SP3493 Datasheet HTML 6Page - Sipex Corporation SP3493 Datasheet HTML 7Page - Sipex Corporation SP3493 Datasheet HTML 8Page - Sipex Corporation SP3493 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
10/16/02
SP3493/3494 +3.3V Low Power Slew-Rate Limited RS-485/RS-422 Transceivers
© Copyright 2002 Sipex Corporation
■ Operates From A Single +3.3V Supply
■ Interoperable With +5V Logic
■ +200mV Receiver Input Sensitivity
■ -7V to +12V Common-Mode Input
Voltage Range
■ Devices Allow Up To 32 Transceivers
On The Serial Bus
■ Driver/Receiver Enable Lines (SP3494)
■ 2nA Low-Power Shutdown Mode (SP3494)
■ Compatible With The MAX3488, LTC490
and 75179 Industry Standard Pinouts
(SP3493)
■ Compatible With The MAX3486 and 75176
Industry Standard Pinouts (SP3494)
+3.3V Low Power
RS-485/RS-422 Transceivers
SP3493/SP3494
DESCRIPTION
The SP3493 and the 3494 devices are +3.3V, low power transceivers that meet the
specifications of the RS-485 and RS-422 serial protocols. The SP3493 and the 3494 devices
are pin-to-pin compatible with the Sipex SP3490 and the SP3481 devices, respectively, as well
as other popular industry standards. The devices feature Sipex's BiCMOS process, allowing
low power operation without sacrificing performance. The partially slew-rate limited drivers
minimize EMI and reduce reflections caused by improperly terminated cables allowing
error-free data transmission. The SP3493 is a full-duplex low power transceiver that will
deliver a data transmission rate up to 250kbps. The SP3494 is a half-duplex partially slew-rate
limited transceiver that will deliver a data transmission rate up to 2.5Mbps. The SP3494 is
equipped with a low-power shutdown mode and driver/receiver high-Z enable lines.
1
2
3
4
5
6
7
8
R
D
Vcc
GND
R
D
A
B
Z
Y
RO 1
RE 2
DE 3
DI 4
8
VCC
7
B
6
A
5
GND
D
R
SP3493
SP3494
®


Similar Part No. - SP3493

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
3.3V Low Power RS-485/RS-422 Transceivers
SP3493CN SIPEX-SP3493CN Datasheet
131Kb / 11P
3.3V Low Power RS-485/RS-422 Transceivers
SP3493CP SIPEX-SP3493CP Datasheet
131Kb / 11P
3.3V Low Power RS-485/RS-422 Transceivers
SP3493EN SIPEX-SP3493EN Datasheet
131Kb / 11P
3.3V Low Power RS-485/RS-422 Transceivers
SP3493EP SIPEX-SP3493EP Datasheet
131Kb / 11P
3.3V Low Power RS-485/RS-422 Transceivers
More results

Similar Description - SP3493

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176 TGS-SN75176 Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
TP3485ES8 TECHPUBLIC-TP3485ES8 Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Guangdong Youtai Semico...
MAX485ESA UMW-MAX485ESA Datasheet
394Kb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com