Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3493 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP3493
Description  3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3493 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP3493 Datasheet HTML 2Page - Sipex Corporation SP3493 Datasheet HTML 3Page - Sipex Corporation SP3493 Datasheet HTML 4Page - Sipex Corporation SP3493 Datasheet HTML 5Page - Sipex Corporation SP3493 Datasheet HTML 6Page - Sipex Corporation SP3493 Datasheet HTML 7Page - Sipex Corporation SP3493 Datasheet HTML 8Page - Sipex Corporation SP3493 Datasheet HTML 9Page - Sipex Corporation SP3493 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
10/16/02
SP3493/3494 +3.3V Low Power Slew-Rate Limited RS-485/RS-422 Transceivers
© Copyright 2002 Sipex Corporation
DESCRIPTION
The SP3493/3494 are +3.3V transceivers that
meet the electrical specifications of the
RS-485 and RS-422 serial protocols. The
SP3493/3494 feature Sipex's BiCMOS process
allowing low power operation without
sacrificing performance.
The SP3493 device is a +3.3V full-duplex
transceiver that is pin-to-pin compatible with
the Sipex SP3490 and SP490 devices as well as
popular industry standards such as the
MAX3488, the LTC490, and the 75179. The
SP3493 has a driver with a data transmission
rate of 250kbps.
The SP3494 device is a +3.3V half-duplex
transceiver that is pin-to-pin compatible with
the Sipex SP3481 and SP481 devices as well as
popular industry standards such as the MAX3486
and the 75176. The SP3494 has a partially slew-
rate limited driver with a data transmission rate
of 2.5Mbps.
Drivers
The SP3493/3494devices both have differential
outputs. The typical voltage output swing with
no load will bo 0V to V
CC. With worst case
loading of 54
Ω across the differential outputs,
the driver can maintain greater than 1.5V voltage
levels.
The SP3494 device has an enable control line
which is active HIGH. A logic HIGH on DE (pin
3) will enable the differential driver outputs.
A logic LOW on DE (pin 3) will force the driver
outputs at high impedance (high-Z). The SP3493
device does not have a driver enable.
The SP3493/SP3494 drivers will operate up to
250kbps and 2.5Mbps, respectively. In addition
to adhering to the 250mA I
SC maximum limit on
the driver output, the driver output short-circuit
protection will allow the devices to withstand an
infinite short circuit over the -7.0V to +12V
common mode range without damage.
Receivers
The receivers have differential inputs with an
input sensitivity as low +200mV. Input
impedance of the receivers is typically 15k
Ω
(12k
Ω minimum). A wide common mode range
of -7V to +12V allows for large ground potential
differences between systems.
Both the SP3493/SP3494 receivers are
equipped with fail-safe which guarantees that
the receiver outputs will be in a high state
when the input is left unconnected.
The SP3494 receiver has a high impedance
(high-Z) enable control pin. A logic LOW on
RE (pin 2) will enable the receiver; a logic
HIGH on RE (pin 2) will disable the receiver.
The SP3494 is equipped with a shutdown mode.
To enable the shutdown state, both the driver
and receiver must be disabled simultaneously.
A logic LOW on DE (pin 3) and a logic HIGH
on RE (pin 2) will put the SP3494 into shutdown.
In shutdown, the supply current will drop to 2nA
typical, 1
µA maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com