Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3493 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3493
Description  3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3493 Datasheet(HTML) 4 Page - Sipex Corporation

  SP3493 Datasheet HTML 1Page - Sipex Corporation SP3493 Datasheet HTML 2Page - Sipex Corporation SP3493 Datasheet HTML 3Page - Sipex Corporation SP3493 Datasheet HTML 4Page - Sipex Corporation SP3493 Datasheet HTML 5Page - Sipex Corporation SP3493 Datasheet HTML 6Page - Sipex Corporation SP3493 Datasheet HTML 7Page - Sipex Corporation SP3493 Datasheet HTML 8Page - Sipex Corporation SP3493 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
10/16/02
SP3493/3494 +3.3V Low Power Slew-Rate Limited RS-485/RS-422 Transceivers
© Copyright 2002 Sipex Corporation
SPECIFICATIONS (continued)
T
AMB = TMIN to TMAX and VCC = +3.3V ± 5% unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
SP3494 RECEIVER
AC Characteristics
Maximum Data Rate
2.5
Mbps
RE = 0V, DE = 0V
Receiver Input to Output, t
PLH
40
70
100
ns
Figures 6 and 11
Receiver Input to Output, t
PHL
40
70
100
ns
Figures 6 and 11
Differential Receiver Skew
10
ns
t
RSKEW = tRPHL - tRPLH , Figures 6 and 11
Receiver Enable to
Output Low
35
60
ns
Figures 7 and 12; S
1 closed, S2 open
Receiver Enable to
Output High
35
60
ns
Figures 7 and 12; S
2 closed, S1 open
Receiver Disable from Low
35
60
ns
Figures 7 and 12; S
1 closed, S2 open
Receiver Disable from High
35
60
ns
Figures 7 and 12; S
2 closed, S1 open
SP3494 SHUTDOWN TIMING
Time to Shutdown
50
75
200
ns
RE = 3.3V, DE = 0V
Driver Enable from Shutdown
to Output High
65
150
ns
Figures 4 and 10
Driver Enable from Shutdown
to Output Low
65
150
ns
Figures 5 and 10
Receiver Enable from
Shutdown to Output High
50
200
ns
Figures 7 and 12; S
2 closed, S1 open
Receiver Enable from
Shutdown to Output Low
50
200
ns
Figures 7 and 12; S
1 closed, S2 open
SP3494 POWER REQUIREMENTS
Supply Current
No Load
1000
2000
µA
RE, DI = 0V or V
CC; DE = VCC
800
1500
µA
RE = 0V, DI = 0V or V
CC; DE = 0V
Shutdown Mode
10
µA
DE = 0V, RE=V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com