Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4425 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP4425
Description  Electroluminescent Lamp Driver Low Voltage Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4425 Datasheet(HTML) 2 Page - Sipex Corporation

  SP4425 Datasheet HTML 1Page - Sipex Corporation SP4425 Datasheet HTML 2Page - Sipex Corporation SP4425 Datasheet HTML 3Page - Sipex Corporation SP4425 Datasheet HTML 4Page - Sipex Corporation SP4425 Datasheet HTML 5Page - Sipex Corporation SP4425 Datasheet HTML 6Page - Sipex Corporation SP4425 Datasheet HTML 7Page - Sipex Corporation SP4425 Datasheet HTML 8Page - Sipex Corporation SP4425 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SP4425DS/20
SP4425 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
2
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
V
DD...................................................................................................................5V
Input Voltages/Currents
HON (pin1)........................................-0.5V to (V
DD + 0.5V)
COIL (pin3)............................................................100mA
Lamp Outputs..............................................................................230V
PP
Storage Temperature....................................................-65˚C to +150˚C
Power Dissipation Per Package
8-pin NSOIC (derate 6.14mW/oC above +70oC).................................500mW
8-pin
µSOIC (derate 4.85mW/oC above +70oC)..................................390mW
The information furnished herein by Sipex has been carefully reviewed for
accuracy and reliability. Its application or use, however, is solely the
responsibility of the user. No responsibility for the use of this
information is assumed by Sipex, and this information shall not explicitly or
implicitly become part of the terms and conditions of any subsequent sales
agreement with Sipex. Specifications are subject to change without prior
notice. By the sale or transfer of this information, Sipex assumes no
responsibility for any infringement of patents or other rights of third parties
which may result from its use. No license or other proprietary rights are
granted by implication or otherwise under any patent or patent rights of
Sipex Corporation.
(T= 25
°C; V
DD = 1.5V; Lamp Capacitance = 8200pFwith 1 00Ω Series resistance; Coil = 470µH at 4 Ohms; COSC = 180pF unless otherwise noted); CINT=1800pF
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
V
,
e
g
a
t
l
o
V
y
l
p
p
u
S
D
D
1
.
15
.
17
.
1V
,
t
n
e
r
r
u
C
y
l
p
p
u
SI
L
I
O
C
I
+
D
D
0
30
6A
mV
N
O
H
V
=
D
D
V
5
.
1
=
V
,
e
g
a
t
l
o
V
li
o
C
L
I
O
C
V
D
D
7
.
1
V
V
,
e
g
a
t
l
o
V
t
u
p
n
I
N
O
H
N
O
H
f
f
o
L
E
:
W
O
L
n
o
L
E
:
H
G
I
H
5
2
.
0
-
V
D
D
5
2
.
0
-
0
V
D
D
V
5
2
.
0
V
D
D
5
2
.
0
+
V
n
o
L
E
,
t
n
e
r
r
u
C
N
O
H3
5
1
µA
V
,
n
w
o
d
ll
u
p
l
a
n
r
e
t
n
i
N
O
H
V
=
D
D
V
5
.
1
=
I
,
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S
D
S
I
=
L
I
O
C
I
+
D
D
15
µA
V
N
O
H
V
0
=
E
V
I
R
D
R
O
T
C
U
D
N
I
f
,
y
c
n
e
u
q
e
r
F
li
o
C
L
I
O
C
f
=
P
M
A
L
4
6
x6
.
5
2z
H
k
e
l
c
y
C
y
t
u
D
li
o
C0
9%
I
,
t
n
e
r
r
u
C
li
o
C
k
a
e
P
L
I
O
C
-
K
P
0
9A
m.
n
g
i
s
e
d
y
b
d
e
e
t
n
a
r
a
u
G
T
U
P
T
U
O
P
M
A
L
L
E
f
,
y
c
n
e
u
q
e
r
F
p
m
a
L
L
E
P
M
A
L
0
0
30
0
40
0
5z
H
T
B
M
A
5
2
+
=
O
V
,
C
D
D
V
5
.
1
=
T
B
M
A
0
4
-
=
O
5
8
+
o
t
C
O
V
,
C
D
D
V
5
.
1
=
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
o
t
k
a
e
P
0
2
1
0
9
0
6
1
V
P
P
T
B
M
A
5
2
+
=
O
V
,
C
D
D
V
5
.
1
=
T
B
M
A
0
4
-
=
O
5
8
+
o
t
C
O
V
,
C
D
D
V
5
.
1
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com