Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4425 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP4425
Description  Electroluminescent Lamp Driver Low Voltage Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4425 Datasheet(HTML) 4 Page - Sipex Corporation

  SP4425 Datasheet HTML 1Page - Sipex Corporation SP4425 Datasheet HTML 2Page - Sipex Corporation SP4425 Datasheet HTML 3Page - Sipex Corporation SP4425 Datasheet HTML 4Page - Sipex Corporation SP4425 Datasheet HTML 5Page - Sipex Corporation SP4425 Datasheet HTML 6Page - Sipex Corporation SP4425 Datasheet HTML 7Page - Sipex Corporation SP4425 Datasheet HTML 8Page - Sipex Corporation SP4425 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SP4425DS/20
SP4425 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
4
THEORY OF OPERATION
The SP4425 is made up of three basic circuit
elements, an oscillator, coil, and switched H-bridge
network. The oscillator provides the device with
an on-chip clock source used to control the charge
and discharge phases for the coil and lamp. An
external capacitor connected between pins 1 and
V
SS allows the user to vary the oscillator frequency.
For a given choice of coil inductance there will be
an optimum C
OSC Capacitor value that gives the
maximum light output.
The suggested oscillator frequency is 25.6kHz
(C
OSC=180pF). The oscillator output is internally
divided to create the control signal for f
LAMP. The
oscillator output is internally divided down by 6
flip flops, a 25.6kHz signal will be divided into 6
frequency levels: 12.8kHz, 6.4kHz, 3.2kHz,
1.6kHz, 800Hz, and 400Hz. The oscillator output
(25.6kHz) is used to drive the coil (see figure 2 on
page 11) and the sixth flip flop output (300Hz) is
used to drive the lamp. Although the oscillator
frequency can be varied to optimize the lamp
output, the ratio of f
COIL/fLAMP will always equal 64.
The coil is an external component connected from
V
BATTERY to pin 3 of the SP4425. VBATTERY= 1.5
VDC with a 470
µH/4Ω coil are typical conditions.
Energy is stored in the coil according to the equation
E
L=1/2LI
2, where I is the peak current flowing in
PIN DESCRIPTION
Pin 1 – C
OSC- Capacitor input 1, connect Capacitor
from V
SS to Pin 1 to set COSC frequency.
Pin 2 – V
SS- Power supply common, connect to
ground.
Pin 3 – Coil- Coil input, connect coil from V
DD
to pin 3.
Pin 4 – D1- Diode Cathode connection.
– C
INT- Integrator capacitor, connect capacitor
from pin 4 to ground to minimize coil glitch energy.
Pin 5 – Lamp- Lamp driver output2, connect to
EL lamp.
Pin 6 – Lamp- Lamp driver output1, connect to
EL lamp.
Pin 7 – V
DD- Power supply for driver, connect to
system V
DD.
Pin 8 – HON- Enable for driver operation,
high = active; low = inactive.
1
2
3
4
8
7
6
5
SP4425 Schematic
Q
Q
HON
SCR1
SCR2
OSC
FF1
FF6
EL Lamp
1M
Ω
VDD
Coil
5
6
EL2
EL1
1
Cap1
2
VSS
VBATTERY
VDD
7
3
470
µH/4Ω
8
180pF
IN4148
4
D1
.1
µF
COSC
Low ESR
decoupling
capacitor
CINT=1800pF typ
fCOIL
fLAMP
fLAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com